Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902F Datasheet(PDF) 5 Page - Rohm

Part # BA2902F
Description  Ground Sense Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902F Datasheet(HTML) 5 Page - Rohm

  BA2902F Datasheet HTML 1Page - Rohm BA2902F Datasheet HTML 2Page - Rohm BA2902F Datasheet HTML 3Page - Rohm BA2902F Datasheet HTML 4Page - Rohm BA2902F Datasheet HTML 5Page - Rohm BA2902F Datasheet HTML 6Page - Rohm BA2902F Datasheet HTML 7Page - Rohm BA2902F Datasheet HTML 8Page - Rohm BA2902F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
5/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○
BA2902 family (Unless otherwise specified VCC=+5[V], VEE=0[V])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA2902S F/FV/KN
BA2902F/FV/KN
Min.
Typ.
Max.
Input Offset Voltage
( *10) (*11)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Full range
-
-
10
VCC=5~30[V],VOUT=1.4[V]
Input Offset Voltage Drift
△
Vio/△T
-
-
±7
-
μV/℃ VOUT=1.4[V]
Input Offset Current
(*10) (*11)
Iio
25℃
-
2
50
nA
VOUT=1.4[V]
Full range
-
-
200
Input Offset Current Drift
△
lio/△T-
-
±10
-
pA/℃ VOUT=1.4[V]
Input Bias Current
(*10) (*11)
Ib
25℃
-
20
250
nA
VOUT=1.4[V]
Full range
-
-
250
Supply Current
(*10)
ICC
25℃
-
0.7
2
m
A
RL=∞ All Op-Amps
Full range
-
-
3
High Level Output Voltage
(*11)
VOH
25℃
3.5
-
-
V
RL=2[kΩ]
Full range
27
28
-
VCC=30[V],RL=10[kΩ]
Low Level Output Voltage
(*11)
VOL
Full range
-
5
20
mV
RL=∞All Op-Amps
Large Signal Voltage Gain
AV
25℃
25
100
-
V/mV RL
≧
2[kΩ],VCC=15[V]
VOUT=1.4~11.4[V]
Input Common-mode Voltage Range
Vicm
25℃
0
-
VCC-1.
5
V
(VCC-VEE)=5[V],
VOUT=VEE+1.4[V]
Common-mode Rejection Ratio
CMRR
25℃
50
80
-
dB
VOUT=1.4[V]
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5~30[V]
Output SourceCurrent
(*11) (*12)
IOH
25℃
20
30
-
mA
VIN+=1[V],VIN-=0[V]
VOUT=0[V] 1CH is short
circuit
Full range
10
-
-
Output Sink Current
(*11) (*12)
IOL
25℃
10
20
-
mA
VIN+=0[V],VIN-=1[V]
VOUT=5[V] 1CH is short circuit
Full range
2
-
-
Isink
25℃
12
40
-
μA
VIN+=0[V],VIN-=1[V]
VOUT=200[mV]
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz], input referred
Slew rate
SR
25℃
-
0.2
-
V/μs VCC=15[V],AV=0[dB],
RL=2[kΩ],CL=100[pF]
Maximum frequency
ft
25℃
-
0.5
-
MHz VCC=30[V],RL=2[kΩ],
CL=100[pF]
Input referred noise voltage
Vn
25℃
-
40
-
Hz
nV/
VCC=15[V],VEE=-15[V],
RS=100[Ω],Vi=0[V],f=1[kHz]
(*10) Absolute value
(*11) BA2902S family:Full range -40~+105℃ ,BA2902 family:Full range -40~+125℃
(*12) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com