Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1U621 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IS1U621
Description  Sensors for Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1U621 Datasheet(HTML) 1 Page - Sharp Corporation

  IS1U621 Datasheet HTML 1Page - Sharp Corporation IS1U621 Datasheet HTML 2Page - Sharp Corporation IS1U621 Datasheet HTML 3Page - Sharp Corporation IS1U621 Datasheet HTML 4Page - Sharp Corporation IS1U621 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
(Ta=25˚C)
3.6
3.4
3.4
3.5
3.5
0.5
1.0
2.54
2.54
3.5
3.5
3.4
3.4
3.6
1.5
2.1
2 GND
123
2 GND
123
4.2mm
3.1mm
VCC
V
Topr
˚C
Tstg
˚C
Tsol
260
˚C
IS1U621
IS1U621L
VCC
V
1 VOUT
3 VCC
1 VOUT
3 VCC
0.4
+ 0.2
- 0.1
15.2 ± 1.0
IS1U621/IS1U621L
Sensors for Remote Control
Features
Applications
Absolute Maximum Ratings
Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
Operating temperature
Storage temperature
Soldering temperature
Parameter
Symbol
Recommended
operating conditions
Unit
4.7 to 5.3
Outline Dimensions
(Unit : mm)
*1 No dew condensation is allowed.
*2 For 5 seconds at the position of 4.2 mm from the resin edge
IS1U621/IS1U621L
*1
*2
Supply voltage
0 to 6.0
Operating supply voltage
2.9
2.9
* Tolerance : ± 0.2 mm
* Tolerance : ± 0.2 mm
Soldering area
Soldering area
1. Compact
(Volume : About 1/8 compared with GP1U58X )
2. High sensitivity (Ultimate distance : MIN. 8 m)
3. B.P.F. (Band Pass Frequency) center frequency : (TYP. 38kHz)
1. Audio equipment
2. Cameras
- 10 to + 60
- 20 to + 70
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s
s


Similar Part No. - IS1U621

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS1U60 SHARP-IS1U60 Datasheet
46Kb / 5P
Sensors with 1-Package Design of Remote Control Detecting Functions owing to OPIC
IS1U60L SHARP-IS1U60L Datasheet
46Kb / 5P
Sensors with 1-Package Design of Remote Control Detecting Functions owing to OPIC
More results

Similar Description - IS1U621

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
Toshiba Semiconductor
TC9148P TOSHIBA-TC9148P Datasheet
636Kb / 10P
FOR INFRARED REMOTE CONTROL TRANSMITTER
TC9244P TOSHIBA-TC9244P Datasheet
321Kb / 8P
LSI FOR REMOTE CONTROL RECEIVING
logo
List of Unclassifed Man...
SC9148B ETC-SC9148B Datasheet
83Kb / 9P
FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
Preamplifier for IR Remote Control
logo
LG Semicon Co.,Ltd.
GL3274 LG-GL3274 Datasheet
305Kb / 8P
Preamplifier for Remote Control Use
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
HL3279 ETC1-HL3279 Datasheet
182Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
HL3280 ETC1-HL3280 Datasheet
60Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com