Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1U621 Datasheet(PDF) 5 Page - Sharp Corporation

Part # IS1U621
Description  Sensors for Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1U621 Datasheet(HTML) 5 Page - Sharp Corporation

  IS1U621 Datasheet HTML 1Page - Sharp Corporation IS1U621 Datasheet HTML 2Page - Sharp Corporation IS1U621 Datasheet HTML 3Page - Sharp Corporation IS1U621 Datasheet HTML 4Page - Sharp Corporation IS1U621 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IS1U621/IS1U621L
Precautions for Operation
VCC
Vout
IS1U621
GND
Ve
GND
Vout
(Circuit constant)
R1
C1
C2
R1 = 47
Ω ± 5%
C1 = 47
µ F
Fig. 6 Spectral Sensitivity for Reference
Wavelength
λ (nm)
C2 = 1 000pF
Connect capacitor C between Vout and GND terminals as shown above
2
(1) Use the light emitting unit (remote control transmitter), in consideration of performance, characteristics, operating conditions of
light emitting device and the characteristics of the light detecting unit.
(2) Pay attention to a malfunction of the light detecting unit when the surface is stained with dust and refuse.
Care must be taken not to touch the light detector surface.
• Conduct cleaning as follows.
(3) Cleaning
Solvent dip cleaning : Solvent temperature of 45 ˚C max., dipping time : Within 3 minutes
Ultrasonic cleaning : Elements are affected differently depending on the size of cleaning bath, ultrasonic output, time,
size of PWB and mounting method of elements.
Conduct trial cleaning on actual operating conditions in advance to make sure that no problem results.
• Use the following solvents only.
Solvents: Ethyl alcohol, methyl alcohol or isopropyl alcohol
(4) To avoid the electrostatic breakdown of IC, handle the unit under the condition of grounding with human body, soldering iron, etc.
(5) Do not apply unnecessary force to the terminal.
(6) Example of recommended external circuit (mount outer mounting parts near the sensor as much as possible.)
+
500
600
700
800
900
1000
1100
0
10
20
30
40
50
60
70
80
90
100
Ta=25˚C
s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com