Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1U621 Datasheet(PDF) 3 Page - Sharp Corporation

Part # IS1U621
Description  Sensors for Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1U621 Datasheet(HTML) 3 Page - Sharp Corporation

  IS1U621 Datasheet HTML 1Page - Sharp Corporation IS1U621 Datasheet HTML 2Page - Sharp Corporation IS1U621 Datasheet HTML 3Page - Sharp Corporation IS1U621 Datasheet HTML 4Page - Sharp Corporation IS1U621 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IS1U621/IS1U621L
20cm
10k
Ω
+ 5V
Vout
Vout
Duty 50%
fo = 38kHz
θ
θ
,
φ
,
φ
Performance
Oscilloscope
φ : Direction X
θ : Direction Y
Direction Y
Direction X
External disturbing light
detector face illuminance : Ee
Transmitter
Reception distance : L
Using the transmitter shown in Fig. 1, the output signal of the light detecting unit is good enough to meet the following items in the standard optical system in Fig. 2.
(1) Linear reception distance characteristics
When L=0.2 to 8 m, Ee < 10 lx ( *6) and
φ =0˚ in Fig. 2, the output signal shall meet the electrical characteristics in the attached list.
(2) Sensitivity angle reception distance characteristics
When L=0.2 to 5 m, Ee < 10 lx ( *6) and
φ<= 30 ˚ in the direction X and θ =0˚ in the direction Y in Fig. 2,
the output signal shall meet the electrical characteristics in the attached list. Further, the electrical characteristics shall be met
when L=0.2 to 5 m, Ee < 10 lx (*6) and
φ =0˚ in the direction X and θ<= 15˚ in the direction Y.
*6 It refers to detector face illuminance.
Transmitter (GL521 used)
SC
Fig. 1 Transmitter
Fig. 2 Standard optical system
In the above figure, the transmitter should be set so that the output Vout can be 40mV
.
However, the PD49PI to be used here should be of the short-circuit current I
=2.6
µ A at Ev=100 lx.
(Ev is an illuminance by CIE standard light source A (tungsten lamp).)
P - P
s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com