Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1U621 Datasheet(PDF) 4 Page - Sharp Corporation

Part # IS1U621
Description  Sensors for Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1U621 Datasheet(HTML) 4 Page - Sharp Corporation

  IS1U621 Datasheet HTML 1Page - Sharp Corporation IS1U621 Datasheet HTML 2Page - Sharp Corporation IS1U621 Datasheet HTML 3Page - Sharp Corporation IS1U621 Datasheet HTML 4Page - Sharp Corporation IS1U621 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IS1U621/IS1U621L
Fig. 1 B.P.F. Frequency Characteristics (TYP.)
Fig. 2 Sensitivity Angle (Direction X)
Characteristics (TYP.) for Reference
Fig. 3 Sensitivity Angle (Direction Y)
Characteristics (TYP.) for Reference
Fig. 4 Relative Reception Distance vs. Ambient
Temperature (TYP.) for Reference
Reception distance (m)
Carrier frequency (kHz)
Fig. 5 AEHA (Japan Association of Electrical Home Appliances)
Code Pulse Width Characteristics (1st Bit) (TYP.) for Reference
Unit
AEHA code generating transmitter
T= 430
µs
1st bit
(Conditions)
V
=5V, Ta=RT,
φ =0˚ , Ee < 10 lx
CC
0
1
234
5678
9
10
100
200
300
400
500
600
700
0
Angular displacement
φ
0
90˚
80˚
70˚
60˚
50˚
40˚
30˚
- 90˚
- 80˚
- 70˚
- 60˚
- 50˚
- 40˚
- 30˚
- 20˚
- 10˚
0˚
10˚
20˚
50
Angular displacement
φ
0
90˚
80˚
70˚
60˚
50˚
40˚
30˚
- 90˚
- 80˚
- 70˚
- 60˚
- 50˚
- 40˚
- 30˚
- 20˚
- 10˚
0˚
10˚
20˚
50
18
22
26
30
34
38
42
46
50
54
58
Ambient temperature Ta (˚C)
- 40
- 20
0
20
40
60
80
100
0
20
40
60
80
100
120
Unit
SHARP
standard transmitter
Relative comparison with reception
distance at V =5V,
φ =0˚ , Ee <10 lx
and Ta=25 ˚C taken as 100%
CC
Low level pulse width
High level pulse width



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com