Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1U621 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS1U621
Description  Sensors for Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1U621 Datasheet(HTML) 2 Page - Sharp Corporation

  IS1U621 Datasheet HTML 1Page - Sharp Corporation IS1U621 Datasheet HTML 2Page - Sharp Corporation IS1U621 Datasheet HTML 3Page - Sharp Corporation IS1U621 Datasheet HTML 4Page - Sharp Corporation IS1U621 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IS1U621/IS1U621L
Vout
Vcc
GND
B.P.F.
600
µs
600
µs
T2
T1
ICC
-
2.8
4.5
mA
V OH
VCC- 0.2
--
V
V OL
-
0.45
0.6
V
T1
400
-
800
µ s
T2
400
-
800
µ s
fO
-
38
-
kHz
L
8.0
-
-
m
-
Electrical Characteristics
Parameter
Symbol
Conditions
TYP.
MIN.
MAX.
Unit
Dissipation current
High level output voltage
Low level output voltage
High level pulse width
Low level pulse width
B.P.F. center frequency
Linear ultimate distance
*5
*3, *4
*3
*3 The burst wave as shown in the following figure shall be transmitted.
*5 By SHARP transmitter
Transmission
signal
Output
Limiter
Demodulator Integrator Comparator
cc
(Ta=25˚C, V =+5V)
*4 Pull-up resistance : 2.2k
Ω
No input light, Output terminal OPEN
*3, Output terminal OPEN
Ee < 10 lx
fo= 38kHz, Duty 50%
Internal Block Diagram
s
s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com