Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 19 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 19 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 15Page - Active-Semi, Inc ACT5830 Datasheet HTML 16Page - Active-Semi, Inc ACT5830 Datasheet HTML 17Page - Active-Semi, Inc ACT5830 Datasheet HTML 18Page - Active-Semi, Inc ACT5830 Datasheet HTML 19Page - Active-Semi, Inc ACT5830 Datasheet HTML 20Page - Active-Semi, Inc ACT5830 Datasheet HTML 21Page - Active-Semi, Inc ACT5830 Datasheet HTML 22Page - Active-Semi, Inc ACT5830 Datasheet HTML 23Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT5830
Rev 2, 20-Jan-11
Innovative Power
TM
- 19 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
®
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
07h
R
VRANGE7
0Fh
DIS1
OK1
ON1
VSET1
13h
DIS2
OK2
ON2
VSET2
0Eh
DIS7
OK7
ON7
R
R
R
R
R
12h
DIS8
OK8
ON8
VSET8
0Ch
DIS3
OK3
ON3
VSET3
10h
DIS4
OK4
ON4
VSET4
0Dh
DIS5
OK5
ON5
VSET5
11h
DIS6
OK6
ON6
VSET6
VSET7
Table 5:
LDO Control Register Map
REGISTER DESCRIPTIONS
Note: See Table 1 for default register settings.
Table 6:
LDO Control Register Bit Descriptions
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
07h
VSET7
[5:0]
R/W
LDO7 Output Voltage Selection
See Table 8
07h
VRANGE7
[6]
R/W
REG Voltage Range
Selection
0
Min VOUT = 0.645V
1
Min VOUT = 1.25V
07h
[7]
R
READ ONLY
0Fh
VSET1
[4:0]
R/W
LDO1 Output Voltage Selection
See Table 7
0Fh
ON1
[5]
R/W
LDO1 Enable
0
LDO1 Disable
1
LDO1 Enable
0Fh
OK1
[6]
R
LDO1 Power-OK
0
Output Out of Regulation
1
Output In Regulation
0Fh
DIS1
[7]
R/W
LDO1 Output Discharge Enable
0
Output High-Z In Shutdown
1
Output Discharge Enabled
13h
VSET2
[4:0]
R/W
LDO2 Output Voltage Selection
See Table 7
13h
ON2
[5]
R/W
LDO2 Enable
0
LDO2 Disable
1
LDO2 Enable
13h
OK2
[6]
R
LDO2 Power-OK
0
Output Out of Regulation
1
Output In Regulation
13h
DIS2
[7]
R/W
LDO2 Output Discharge Enable
0
Output High-Z In Shutdown
1
Output Discharge Enabled
12h
VSET8
[4:0]
R/W
LDO8 Output Voltage Selection
See Table 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com