Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 16Page - Active-Semi, Inc ACT5830 Datasheet HTML 17Page - Active-Semi, Inc ACT5830 Datasheet HTML 18Page - Active-Semi, Inc ACT5830 Datasheet HTML 19Page - Active-Semi, Inc ACT5830 Datasheet HTML 20Page - Active-Semi, Inc ACT5830 Datasheet HTML 21Page - Active-Semi, Inc ACT5830 Datasheet HTML 22Page - Active-Semi, Inc ACT5830 Datasheet HTML 23Page - Active-Semi, Inc ACT5830 Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT5830
Rev 2, 20-Jan-11
Innovative Power
TM
- 20 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
®
Table 6:
LDO Control Register Bit Descriptions (Cont’d)
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
12h
ON8
[5]
R/W
LDO8 Enable
0
LDO8 Disable
1
LDO8 Enable
12h
OK8
[6]
R
LDO8 Power-OK
0
Output Out of Regulation
1
Output In Regulation
12h
DIS3
[7]
R/W
LDO8 Output Discharge Enable
0
Output High-Z In Shutdown
1
Output Discharge Enabled
0Ch
VSET3
[4:0]
R/W
LDO3 Output Voltage Selection
See Table 7
0Ch
ON3
[5]
R/W
LDO3 Enable
0
LDO3 Disable
1
LDO3 Enable
0Ch
OK3
[6]
R
LDO3 Power-Ok
0
Output Out of Regulation
1
Output In Regulation
0Ch
DIS3
[7]
R/W
LDO3 Output Discharge Enable
0
Output High-Z In Shutdown
1
Output Discharge Enabled
10h
VSET4
[4:0]
R/W
LDO4 Output Voltage Selection
See Table 7
10h
ON4
[5]
R/W
LDO4 Enable
0
LDO4 Disable
1
LDO4 Enable
10h
OK4
[6]
R
LDO4 Power-OK
0
Output Out of Regulation
1
Output In Regulation
10h
DIS4
[7]
R/W
LDO4 Output Discharge Enable
0
Output High-Z In Shutdown
1
Output Discharge Enabled
0Dh
VSET5
[4:0]
R/W
LDO5 Output Voltage Selection
See Table 7
0Dh
ON5
[5]
R/W
LDO5 Enable
0
LDO5 Disable
1
LDO5 Enable
0Dh
OK5
[6]
R
LDO5 Power-OK
0
Output Out of Regulation
1
Output In Regulation
0Dh
DIS5
[7]
R/W
LDO5 Output Discharge Enable
0
Output High-Z In Shutdown
1
Output Discharge Enabled
11h
VSET6
[4:0]
R/W
LDO6 Output Voltage Selection
See Table 7
11h
ON6
[5]
R/W
LDO6 Enable
0
LDO6 Disable
1
LDO6 Enable
REGISTER DESCRIPTIONS CONT’D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com