Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 37 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 37 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 33Page - Active-Semi, Inc ACT5830 Datasheet HTML 34Page - Active-Semi, Inc ACT5830 Datasheet HTML 35Page - Active-Semi, Inc ACT5830 Datasheet HTML 36Page - Active-Semi, Inc ACT5830 Datasheet HTML 37Page - Active-Semi, Inc ACT5830 Datasheet HTML 38Page - Active-Semi, Inc ACT5830 Datasheet HTML 39Page - Active-Semi, Inc ACT5830 Datasheet HTML 40Page - Active-Semi, Inc ACT5830 Datasheet HTML 41Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
ACT5830
Rev 2, 20-Jan-11
Innovative Power
TM
- 37 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
®
TYPICAL PERFORMANCE CHARACTERISTICS
(COUTx = 1µF X7R, VBAT = VINx = VOUTx + 0.5V, TA = 25°C, unless otherwise specified.)
VICHG Voltage vs. IBAT
IBAT (mA)
0
1000
0
200
400
600
250
800
500
750
1000
1250
1500
1750
2000
2250
VCHG_IN = 5V
VBATID = 2.5V
ISET[3:0] = [1111]
Temperature (°C)
4.10
Battery Termination Voltage vs. Temperature
80
-20
0
20
40
100
60
-40
120
4.31
4.13
4.16
4.25
4.28
BAT Reverse Leakage Current vs. Temperature
Temperature (°C)
4
5
3
2
80
-20
0
20
40
100
60
-40
120
MOSFET Resistance vs. Temperature
325
Temperature (°C)
315
305
295
280
80
-20
0
20
40
100
60
-40
120
285
290
300
310
320
VCHG_IN = 0V or Floating
VBAT = 5V
ISET[3:0] = [1111]
Precondition Threshold Voltage vs. Temperature
3.0
Temperature (°C)
80
3.1
2.8
2.7
-20
0
20
40
100
60
2.6
-40
120
4.19
4.22
2.9
VBAT Rising
VBAT Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com