Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 38 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 38 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 33Page - Active-Semi, Inc ACT5830 Datasheet HTML 34Page - Active-Semi, Inc ACT5830 Datasheet HTML 35Page - Active-Semi, Inc ACT5830 Datasheet HTML 36Page - Active-Semi, Inc ACT5830 Datasheet HTML 37Page - Active-Semi, Inc ACT5830 Datasheet HTML 38Page - Active-Semi, Inc ACT5830 Datasheet HTML 39Page - Active-Semi, Inc ACT5830 Datasheet HTML 40Page - Active-Semi, Inc ACT5830 Datasheet HTML 41Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
ACT5830
Rev 2, 20-Jan-11
Innovative Power
TM
- 38 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
®
FUNCTIONAL DESCRIPTIONS
General Description
The ACT5830's internal battery charger is an
intelligent,
stand-alone
CC/CV
(constant-
current/constant-voltage), linear-mode single-cell
charger for Lithium-based cell-chemistries. This
device incorporates current and voltage sense
circuitry, an internal power MOSFET, thermal-
regulation circuitry, a complete state-machine to
implement charge safety features, and circuitry that
eliminates the reverse-blocking diode required by
conventional charger designs. The ACT5830
battery charger operates independently of the
regulators, and is automatically enabled whenever
a valid input supply is available.
The ACT5830's battery charger features software-
programmable
fast-charge
current,
charge
termination voltage, charge safety timeout period.
The ACT5830's battery charger can accept input
supplies in the 4.3V to 6V range, making it
compatible with lower-voltage inputs such as 5-6V
wall-cubes and USB ports. The battery charger,
along with LDO1, LDO2, and LDO3, is enabled and
initiates a charging cycle whenever an input supply
is present.
Enabling/Disabling the Charger
The ACT5830 is enabled when the voltage applied
to CHG_IN is greater than the voltage at BAT and is
greater than 4.0V, and nENCHG is asserted low.
The charger is disabled whenever nENCHG is high,
independent of the voltages at battery and CHG_IN.
The charger may also be disabled via the I2C
interface.
For more information about enabling and disabling
the charger, see the System Startup & Shutdown
section.
Operation Without a battery
The ACT5830's charger is designed to operate with
or without a battery connected. When a battery is
connected, a normal charging cycle is performed as
described below. If no battery is present, however,
the charger will regulate the voltage at BAT to the
voltage programmed by CHGR/VSET[_] to power
the system.
CC/CV Regulation Loop
At the core of the ACT5830's battery charger is a
CC/CV regulation loop, which regulates either
current or voltage as necessary to ensure fast and
safe charging of the battery.
In a normal charge cycle, this loop regulates the
current to the value set in the CHGR/ISET register.
Charging continues at this current until the battery
cell voltage reaches the programmed termination
voltage, as defined in the CHGR/VSET register. At
this point the CV loop takes over, and charge
current is allowed to decrease as necessary to
maintain charging at the termination voltage.
Programming the Charge Current (ISET[_])
In order to accommodate both USB and AC-
powered inputs with a minimum of external
components,
the
ACT5830
features
a
I2C-
programmable fast-charge current that requires no
external
current-setting
components.
The
CHGR/ISET register sets ISET to any value greater
than [0000] to program the maximum charge
current to values in the 300mA to 1A via software.
See for a detailed list of programmable charge
currents.
Note that the actual charging current may be lower
than the programmed fast-charge current, due to
the ACT5830's thermal regulation loop. See the
Thermal Regulation
section for more information.
Measuring the Charge Current
In order to ease monitoring of the charge current,
the ACT5830 generates a voltage at VICHG that is
proportional to the charge current. The gain is
typically 2.47mV/mA, and this voltage can be easily
read by a system ADC. VICHG is high-impedance
in shutdown.
Thermal Regulation
The ACT5830 features an internal thermal feedback
loop that reduces the charging current as necessary
to ensure that the die temperature does not rise
beyond the thermal regulation threshold of 115°C.
This
feature
protects
the
ACT5830
against
accessing JUNCTION temperature, and allows the
ACT5830 to be used in aggressive thermal designs
without risk of damage. Note that attention to good
thermal design is still required to achieve the fastest
possible charge time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com