Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 40 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 40 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 33Page - Active-Semi, Inc ACT5830 Datasheet HTML 34Page - Active-Semi, Inc ACT5830 Datasheet HTML 35Page - Active-Semi, Inc ACT5830 Datasheet HTML 36Page - Active-Semi, Inc ACT5830 Datasheet HTML 37Page - Active-Semi, Inc ACT5830 Datasheet HTML 38Page - Active-Semi, Inc ACT5830 Datasheet HTML 39Page - Active-Semi, Inc ACT5830 Datasheet HTML 40Page - Active-Semi, Inc ACT5830 Datasheet HTML 41Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
ACT5830
Rev 2, 20-Jan-11
Innovative Power
TM
- 40 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
®
FUNCTIONAL DESCRIPTIONS CONT’D
state and charging can resume as defined by
Figure 4.
NO BAT State
The ACT5830 charger has been designed so that it
will provide system power when there is no battery
present. If the battery is not present at any time
while a valid input voltage (>4V) is applied to
CHG_IN, the ACT5830 will enable the charger and
regulate the output at the voltage programmed by
CHGR/VSET[
],
simulating
a
battery-present
condition. The output current of the charger in this
state is default to 1000mA to ensure full operation
of the phone. When operating in this state, the
charge timers are disabled but the thermal
regulation loop is active. It is important for the
application designer to consider both the power
available from the charger as well as the thermal
design in order to ensure proper system operation
in this state. The user can prevent this operation by
either:
1) Pull nENCHG high, or Setting SUSCHG = [1].
If the battery is reconnected while operating in the
NO BAT state, the state machine resets the charge
timers and jumps to the PRECONDITION state.
Reverse Battery
The ACT5830 includes internal circuitry that
eliminates the need for series blocking diodes,
reducing solution size and cost as well as dropout
voltage relative to conventional battery chargers.
When the input supply is removed, when VIN goes
below the ACT5830's under voltage-lockout (UVLO)
voltage, or when VIN drops below VBAT, the
ACT5830 automatically goes into SUSPEND mode
and reconfigures its power switch to minimize
current drain from the battery.
Figure 4:
Charger State Diagram
PRECONDITION
FAST-CHARGE
TOP-OFF
DELAY
ANY STATE
VCHG_IN < VBAT OR
VCHG_IN < UVLO OR
CHGR/SUSCHG[ ] = [1]
VBAT > 2.9V
VBAT = VSET[ ]
VBAT < VSET[ ] – 200mV
IBAT < ISET[ ]/10
or T > TIMOSET[ ]
TIMEOUT-FAULT
T > TIMOSET[ ] AND
VBAT < 2.9V
SLEEP
T > TIMOSET[ ]
T > 32ms
BATTERY PRESENT AND
VCHG_IN > VBAT AND
VCHG_IN > UVLO AND
CHGR/SUSCHG[ ] = [0]
LDO-MODE
SUSPEND
V
BA
TID <
2.0
V
VBATID > 2.5V AND
VCHG_IN > UVLO AND
CHGR/SUSCHG[ ] = [0]
ANY STATE
IBAT > ISET[ ]/10
Charge Timers
Cleared
Charge Timers
not Cleared or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com