Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2614 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSA2614
Description  PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2614 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSA2614 Datasheet HTML 1Page - RF Micro Devices RFSA2614 Datasheet HTML 2Page - RF Micro Devices RFSA2614 Datasheet HTML 3Page - RF Micro Devices RFSA2614 Datasheet HTML 4Page - RF Micro Devices RFSA2614 Datasheet HTML 5Page - RF Micro Devices RFSA2614 Datasheet HTML 6Page - RF Micro Devices RFSA2614 Datasheet HTML 7Page - RF Micro Devices RFSA2614 Datasheet HTML 8Page - RF Micro Devices RFSA2614 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RFSA2614
DS110126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.5
VDC
DC Supply Current
15
mA
DC Power Dissipation
83
mW
Max RF Input Power
27
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
150
°C
ESD Rating (HBM)
Class 1B
Moisture Sensitivity Level
MSL1
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency Range
50
4000
MHz
Insertion Loss
1.6
1.9
dB
500MHz, 0dB attenuation
1.7
dB
850MHz, 0dB attenuation
2.1
dB
2140MHz, 0dB attenuation
2.2
2.8
dB
2700MHz, 0dB attenuation
2.8
dB
3800MHz, 0dB attenuation
Gain Control Range
31.5
dB
0.5dB step size
Step Accuracy
±(0.15+5.0% attenuation setting)
dB
IIP3
>49
dBm
700MHz to 2700MHz, states 0 thru 27.5dB
IIP3
>45
dBm
700MHz to 2700MHz, states 28 thru 31.5dB
Input P1dB
>27
dBm
700MHz to 2700MHz, all states
Return Loss
>18
dB
700MHz to 2700MHz, all states
Control Interface
6
bit
Parallel interface
Settling Time
200
nS
tRISE, tFALL (10%/90% RF)
Switching Speed
200
nS
tON, tOFF (50% CTL to 10%/90% RF)
Supply Voltage (VDD)
3.0
5.0
5.25
V
Typical performance based on 5V opreation.
Supply Current
3.5
mA
Control Voltage (VCTL)0
0.8
V
Low
2.0
VDD
VHigh
Notes:
1. VDD=5V, VCTL =3V, T=25°C
2. Broadband Application Circuit (with ACG capacitors)
3. IIP3 measured with 1MHz spacing, PIN=4dBm/tone for frequency<300MHz, PIN=10dBm/tone for frequency>300MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com