Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2614 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFSA2614
Description  PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2614 Datasheet(HTML) 6 Page - RF Micro Devices

  RFSA2614 Datasheet HTML 1Page - RF Micro Devices RFSA2614 Datasheet HTML 2Page - RF Micro Devices RFSA2614 Datasheet HTML 3Page - RF Micro Devices RFSA2614 Datasheet HTML 4Page - RF Micro Devices RFSA2614 Datasheet HTML 5Page - RF Micro Devices RFSA2614 Datasheet HTML 6Page - RF Micro Devices RFSA2614 Datasheet HTML 7Page - RF Micro Devices RFSA2614 Datasheet HTML 8Page - RF Micro Devices RFSA2614 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RFSA2614
DS110126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1NC
No internal connection. EVB can be ground or no connect.
2VDD
Power supply.
3NC
No internal connection. EVB can be ground or no connect.
4RF1
RF port. External DC block required.
5NC
No internal connection. EVB can be ground or no connect.
6ACG
AC ground connection for operation below 500MHz.
7ACG
AC ground connection for operation below 500MHz.
8ACG
AC ground connection for operation below 500MHz.
9ACG
AC ground connection for operation below 500MHz.
10
ACG
AC ground connection for operation below 500MHz.
11
ACG
AC ground connection for operation below 500MHz.
12
NC
No internal connection. EVB can be ground or no connect.
13
ACG
AC ground connection for operation below 500MHz.
14
NC
No internal connection. EVB can be ground or no connect.
15
RF2
RF port. External DC block required.
16
NC
No internal connection. EVB can be ground or no connect.
17
NC
No internal connection. EVB can be ground or no connect.
18
NC
No internal connection. EVB can be ground or no connect.
19
D5
16dB control bit.
20
D4
8dB control bit.
21
D3
4dB control bit.
22
D2
2dB control bit.
23
D1
1dB control bit.
24
D0
0.5dB control bit.
EPAD
GND
DC and RF ground. Must be soldered to EVB ground plane over a bed of vias for thermal and RF performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com