Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2614 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA2614
Description  PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2614 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA2614 Datasheet HTML 1Page - RF Micro Devices RFSA2614 Datasheet HTML 2Page - RF Micro Devices RFSA2614 Datasheet HTML 3Page - RF Micro Devices RFSA2614 Datasheet HTML 4Page - RF Micro Devices RFSA2614 Datasheet HTML 5Page - RF Micro Devices RFSA2614 Datasheet HTML 6Page - RF Micro Devices RFSA2614 Datasheet HTML 7Page - RF Micro Devices RFSA2614 Datasheet HTML 8Page - RF Micro Devices RFSA2614 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
 
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
24
23
22
21
20
19
6 Bit DSA
Logic Cir cuit
N/C
Vcc
N/C
RF1
N/C
N/C
N/C
N/C
N/C
RF2
N/C
ACG6
RFSA2614
PARALLEL CONTROLLED DIGITAL STEP
ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
The RFSA2614 is a 6-bit Digital Step Attenuator (DSA) that features high linearity
over the entire 31.5dB gain control range with excellent step accuracy in 0.5dB
steps. The parallel-controlled RFSA2614 has an on-chip decoder that is both 3V
and 5V compatible. It also offers a rugged Class 1B HBM ESD rating via on-chip
ESD circuitry.
Features
Frequency Range 50MHz to
4000MHz
6-Bits, 31.5dB Range, 0.5dB
Step
High Linearity, IIP3>49dBm
3V and 5V Logic Compatible
On-chip Parallel Decoder
Parallel Programming Interface
On-chip ESD Protection >500V
HBM
Single Supply, 3V to 5V
Operation
Applications
Transceiver RF and IF
Applications
Cellular, PCS, GSM, UMTS, LTE,
WiMax/WLAN
Wireless Data, Satellite
Terminals
Test Equipment
DS110126
Package: QFN, 24-Pin, 4mmx4mm
RFSA2614Par-
allel Controlled
Digital Step
Attenuator 50-
4000MHz, 6-
Bit, 0.5dB LSB
RFSA2614SR
7” reel with 100 pieces
RFSA2614SQ
Sample bag with 25 pieces
RFSA2614TR7
7” reel with 750 pieces
RFSA2614TR13
13” reel with 2500 pieces
RFSA2614PCK-410 50MHz to 4000MHz PCBA with 5-piece sample bag


Similar Part No. - RFSA2614

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614PCK-410 RFMD-RFSA2614PCK-410 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2614SQ RFMD-RFSA2614SQ Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2614SR RFMD-RFSA2614SR Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2614TR13 RFMD-RFSA2614TR13 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2614TR7 RFMD-RFSA2614TR7 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
More results

Similar Description - RFSA2614

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
logo
Analog Devices
HMC424AG16 AD-HMC424AG16 Datasheet
439Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424ALH5 AD-HMC424ALH5 Datasheet
633Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424ALP3E AD-HMC424ALP3E Datasheet
451Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com