Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2614 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFSA2614
Description  PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2614 Datasheet(HTML) 5 Page - RF Micro Devices

  RFSA2614 Datasheet HTML 1Page - RF Micro Devices RFSA2614 Datasheet HTML 2Page - RF Micro Devices RFSA2614 Datasheet HTML 3Page - RF Micro Devices RFSA2614 Datasheet HTML 4Page - RF Micro Devices RFSA2614 Datasheet HTML 5Page - RF Micro Devices RFSA2614 Datasheet HTML 6Page - RF Micro Devices RFSA2614 Datasheet HTML 7Page - RF Micro Devices RFSA2614 Datasheet HTML 8Page - RF Micro Devices RFSA2614 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RFSA2614
DS110126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Truth Table
Control Bit
Relative
Gain
Setting
C16
C8C4C2C1
C0.5
11
1111
Max gain
11
1110
-0.5dB
11
1101
-1dB
11
1011
-2dB
11
0111
-4dB
10
1111
-8dB
01
1111
-16dB
00
0000
-31.5dB
Logic Voltage Levels
State
Logic
Low
0V to 0.8V
High
2.0V to 5.0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com