Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2614 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA2614
Description  PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2614 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA2614 Datasheet HTML 1Page - RF Micro Devices RFSA2614 Datasheet HTML 2Page - RF Micro Devices RFSA2614 Datasheet HTML 3Page - RF Micro Devices RFSA2614 Datasheet HTML 4Page - RF Micro Devices RFSA2614 Datasheet HTML 5Page - RF Micro Devices RFSA2614 Datasheet HTML 6Page - RF Micro Devices RFSA2614 Datasheet HTML 7Page - RF Micro Devices RFSA2614 Datasheet HTML 8Page - RF Micro Devices RFSA2614 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RFSA2614
DS110126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Broadband Application Circuit Performance
(with ACG capacitors)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Gain versus Frequency, Reference State (0dB)
85C
25C
-40C
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Normalized Attenuation, Major States
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
RF2 RL versus Frequency, Major States
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
RF1 RL versus Frequency, Major States
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-20
-10
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Relative Phase, Major States
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
35
40
45
50
55
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Input IP3 versus Frequency, All States, 25C
States 28 thru 31.5dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com