Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2624 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA2624
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2624 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA2624 Datasheet HTML 1Page - RF Micro Devices RFSA2624 Datasheet HTML 2Page - RF Micro Devices RFSA2624 Datasheet HTML 3Page - RF Micro Devices RFSA2624 Datasheet HTML 4Page - RF Micro Devices RFSA2624 Datasheet HTML 5Page - RF Micro Devices RFSA2624 Datasheet HTML 6Page - RF Micro Devices RFSA2624 Datasheet HTML 7Page - RF Micro Devices RFSA2624 Datasheet HTML 8Page - RF Micro Devices RFSA2624 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RFSA2624
DS110408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance - Broadband Application Circuit (25°C)
Insertion Loss (De-embedded)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
25C
-40C
85C
Normalized Attenuation, MajorStates
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
0.5
1
2
4
8
16
31.5
Return Loss of RF1, MajorStates
-40
-35
-30
-25
-20
-15
-10
-5
0
00.511.5
2
2.5
33.5
4
Frequency (GHz)
0
0.5
1
2
4
8
16
31.5
Return Loss of RF2, MajorStates
-40
-35
-30
-25
-20
-15
-10
-5
0
00.5
11.5
22.5
3
3.5
4
Frequency (GHz)
0
0.5
1
2
4
8
16
31.5
Step Error, MajorStates
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
0.5
1
2
4
8
16
31.5
Step Error vs. Attenuation State
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
04
8
12
16
20
24
28
32
Atte nuation (dB)
50MHz
500MHz
1GHz
2GHz
3GHz
4GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com