Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2624 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFSA2624
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2624 Datasheet(HTML) 5 Page - RF Micro Devices

  RFSA2624 Datasheet HTML 1Page - RF Micro Devices RFSA2624 Datasheet HTML 2Page - RF Micro Devices RFSA2624 Datasheet HTML 3Page - RF Micro Devices RFSA2624 Datasheet HTML 4Page - RF Micro Devices RFSA2624 Datasheet HTML 5Page - RF Micro Devices RFSA2624 Datasheet HTML 6Page - RF Micro Devices RFSA2624 Datasheet HTML 7Page - RF Micro Devices RFSA2624 Datasheet HTML 8Page - RF Micro Devices RFSA2624 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RFSA2624
DS110408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Truth Table
Note: C 0.5=D0, C1=D1, ... C16=D5 (for the purpose of the example below)
Serial Port Interface
Control Bit
Relative Gain
Setting
C16
C8
C4C2C1
C0.5
1111
11
Max gain
1111
10
-0.5dB
1111
01
-1dB
1110
11
-2dB
1101
11
-4dB
1011
11
-8dB
0111
11
-16dB
0000
00
-31.5dB
SPI Timing Diagram Specifications
Parameter
Limit
Unit
Comment
LOGIC Voltage Levels
t1
25
MHz max
CLK Frequency
State
Logic
t2
20
ns min
CLK High
Low
0V to 0.8V
t3
20
ns min
CLK Low
High
2.0V to 5.0V
t4
5
ns min
DATA to CLK Setup Time
t5
5
ns min
DATA to CLK Hold Time
t6
30
ns min
Data Valid
t7
5
ns min
LE to CLK Setup Time
t8
5
ns min
CLK to LE Setup Time
t9
10
ns min
LE Pulse Width
t10
20
ns min
Output Set
CLK
DATA
t6
LE
t1
t2
t3
t4
t5
t7
t8
DOUT
t9
SPI Timing Diagram
t10
Programming example – 6-bit
MSB
LSB
D4
D3
D2
D0
D1
D5
CLK
DATA
LE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com