Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2624 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFSA2624
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2624 Datasheet(HTML) 8 Page - RF Micro Devices

  RFSA2624 Datasheet HTML 1Page - RF Micro Devices RFSA2624 Datasheet HTML 2Page - RF Micro Devices RFSA2624 Datasheet HTML 3Page - RF Micro Devices RFSA2624 Datasheet HTML 4Page - RF Micro Devices RFSA2624 Datasheet HTML 5Page - RF Micro Devices RFSA2624 Datasheet HTML 6Page - RF Micro Devices RFSA2624 Datasheet HTML 7Page - RF Micro Devices RFSA2624 Datasheet HTML 8Page - RF Micro Devices RFSA2624 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RFSA2624
DS110408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
NOTE: Parts with * following the Reference Designator should not be populated on PCBA. RFMD devices (DUT) may require baking per IPC/JEDEC J-STD-020 for a mini-
mum of 24 hours at 125 +5/-0 °C. Assembly must take place within 12 hours of bake completion. Manufacturers' P/Ns are subject to change by the manufacturers fol-
lowing the issue of this document and are thereby included for reference only. Contact RFMD Corporate Engineering Materials with questions regarding specific
Manufacturers' P/Ns. Shaded lines indicate approved alternate components.
Description
Reference Designator
Manufacturer
Manufacturer's P/N
PCB
RFSA26X4410(B)
CAP, 680pF, 10%, 50V, X7R, 0402
C13, C15, C16, C17
Murata
GRM155R71H681KA01E
CAP, 0.1uF, 10%, 10V, X5R, 0402
C11, C12, C19, C20
Taiyo Yuden (USA), Inc.
RM LMK105BJ104KV
CAP, 1000pF, 10%, 50V, X7R, 0402
C7
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
RES, 0 OHM, 0402
R1, R2, R4, R5, R8
Kamaya, Inc
RMC1/16SJPTH
DNI
C1-C6, C8, C9, C14, C18, R3, R6-7
CONN, SMA, END LNCH, UNIV, HYB MNT, FLT
J1, J2, J99, J100
Heilind Electronics
PER MAT-21-1038
CONN, HDR, ST, PLRZD, 9-PIN
P1
ITW Pancon
MPSS100-9-C
RFSA2624SB
U1
RFMD
RFSA2624



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com