Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2624 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA2624
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2624 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA2624 Datasheet HTML 1Page - RF Micro Devices RFSA2624 Datasheet HTML 2Page - RF Micro Devices RFSA2624 Datasheet HTML 3Page - RF Micro Devices RFSA2624 Datasheet HTML 4Page - RF Micro Devices RFSA2624 Datasheet HTML 5Page - RF Micro Devices RFSA2624 Datasheet HTML 6Page - RF Micro Devices RFSA2624 Datasheet HTML 7Page - RF Micro Devices RFSA2624 Datasheet HTML 8Page - RF Micro Devices RFSA2624 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RFSA2624
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
50MHz to 4000MHz, 6-BIT, 0.5dB LSB
RFMD’s RFSA2624 is a 6-bit Digital Step Attenuator (DSA) that features high linear-
ity over the entire 31.5dB gain control range with excellent step accuracy in 0.5dB
steps. The RFSA2624 is programmed via a serial mode control interface that is
both 3V and 5V compatible. The RFSA2624 also offers a rugged Class 1B HBM
ESD rating via on-chip ESD circuitry. The MCM package is footprint compatible with
most 24-pin, 4mm, QFN packages.
Features
Frequency Range 50MHz to
4000MHz
6-Bits, 31.5dB Range, 0.5dB
Step
High Linearity, OIP3>48dBm
through over 700MHz to
2700MHz
3V and 5V Logic Compatible
Serial-to-Parallel Controller
Serial Programming Interface
Power-up Programming Modes
On-chip ESD Protection >500V
HBM
Single Supply, 3V to 5V
Operation
Footprint compatible with most
24-pin, 4mm QFNs
Applications
Transceiver IF Applications
Cellular, PCS, GSM, UMTS, LTE,
WiMax/WLAN
Wireless Data, Satellite
Terminals
Test Equipment
DS110408
Package: MCM, 24-Pin, 4.2mmx4.2mm
RFSA2624
Serial Con-
trolled Digital
Step Attenua-
toR 50MHz to
4000MHz, 6-
Bit, 0.5dB LSB
RFSA2624SR
7” Reel with 100 pieces
RFSA2624SQ
Sample bag with 25 pieces
RFSA2624TR7
7” Reel with 750 pieces
RFSA2624TR13
13” Reel with 2500 pieces
RFSA2624PCK-410
50MHz to 4000MHz PCBA with 5-piece sample bag


Similar Part No. - RFSA2624

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2624PCK-410 RFMD-RFSA2624PCK-410 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2624SQ RFMD-RFSA2624SQ Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2624SR RFMD-RFSA2624SR Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2624TR13 RFMD-RFSA2624TR13 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2624TR7 RFMD-RFSA2624TR7 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
More results

Similar Description - RFSA2624

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
Digital Step Attenuator
logo
RF Micro Devices
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com