Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2624 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFSA2624
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2624 Datasheet(HTML) 6 Page - RF Micro Devices

  RFSA2624 Datasheet HTML 1Page - RF Micro Devices RFSA2624 Datasheet HTML 2Page - RF Micro Devices RFSA2624 Datasheet HTML 3Page - RF Micro Devices RFSA2624 Datasheet HTML 4Page - RF Micro Devices RFSA2624 Datasheet HTML 5Page - RF Micro Devices RFSA2624 Datasheet HTML 6Page - RF Micro Devices RFSA2624 Datasheet HTML 7Page - RF Micro Devices RFSA2624 Datasheet HTML 8Page - RF Micro Devices RFSA2624 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RFSA2624
DS110408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Names and Description
Pin
Function
Description
1GND
DC and RF Ground.
2VDD
Power supply.
3GND
DC and RF Ground.
4RF1
RF port. External DC block required.
5GND
DC and RF Ground.
6ACG
AC ground for operation below 500MHz; leave unconnected above 500MHz.
7ACG
AC ground for operation below 500MHz; leave unconnected above 500MHz.
8ACG
AC ground for operation below 500MHz; leave unconnected above 500MHz.
9ACG
AC ground for operation below 500MHz; leave unconnected above 500MHz.
10
ACG
AC ground for operation below 500MHz; leave unconnected above 500MHz.
11
ACG
AC ground for operation below 500MHz; leave unconnected above 500MHz.
12
GND
DC and RF Ground.
13
ACG
AC ground for operation below 500MHz; leave unconnected above 500MHz.
14
GND
DC and RF Ground.
15
RF2
RF port. External DC block required.
16
GND
DC and RF Ground.
17
GND
DC and RF Ground.
18
GND
DC and RF Ground.
19
NC
No internal connection. EVB can be ground or no connect.
20
PUP
Power-up Programming pin. Low=max attenuation (31.5dB) at power-up, High=min attenuation (0dB) at power-up.
21
CLK
Serial Clock.
22
LE
Latch Enable.
23
NC
No internal connection. EVB can be ground or no connect.
24
DATA
Serial Data.
EPAD
GND
DC and RF ground. Must be soldered to EVB ground plane over a bed of vias for thermal and RF performance.
Power-up Programming Truth Table
PUP
Attenuator Setting
Low
Attenuation at max, 31.5dB
High
Attenuation at min, 0dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com