Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8332 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8332
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8332 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8332 Datasheet HTML 1Page - Active-Semi, Inc ACT8332 Datasheet HTML 2Page - Active-Semi, Inc ACT8332 Datasheet HTML 3Page - Active-Semi, Inc ACT8332 Datasheet HTML 4Page - Active-Semi, Inc ACT8332 Datasheet HTML 5Page - Active-Semi, Inc ACT8332 Datasheet HTML 6Page - Active-Semi, Inc ACT8332 Datasheet HTML 7Page - Active-Semi, Inc ACT8332 Datasheet HTML 8Page - Active-Semi, Inc ACT8332 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ACT8332
Rev1, 24-May-10
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ORDERING INFORMATION
PIN CONFIGURATION
Thin - DFN (TDFN 33-10)
10
9
7
6
8
1
2
3
4
5
ACT8332
VP1
SW1
OUT2
GP1
INL
FB1
ON3
GA
ON1
OUT3
PART
NUMBER
VOUT1
VOUT2
VOUT3
PINS
TEMPERATURE
RANGE
ACT8332NDAQB-T
Adjustable
2.85V
2.5V
10
-40°C to +85°C
PACKAGE
TDFN33-10
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Additional output voltage options, as detailed in the Output Voltage Codes table, are available for production subject to minimum order
quantities. Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
REG1 OUTPUT VOLTAGE CODES
A
D
E
F
I
G
Adjustable
1.5V
1.8V
2.5V
2.8V
3.0V
C
1.2V
P
1.3V
J
1.4V
Q
2.85V
H
3.3V
TOP VIEW
REG2 OUTPUT VOLTAGE CODES
J
D
L
E
F
I
Q
G
1.4V
1.5V
1.7V
1.8V
2.5V
2.8V
2.85V
3.0V
H
3.3V
REG3 OUTPUT VOLTAGE CODES
E
G
K
M
B
H
I
L
1.4V
1.5V
1.7V
1.8V
2.5V
2.8V
2.85V
3.0V
R
3.3V
Active-Semi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com