Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8332 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT8332
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8332 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT8332 Datasheet HTML 3Page - Active-Semi, Inc ACT8332 Datasheet HTML 4Page - Active-Semi, Inc ACT8332 Datasheet HTML 5Page - Active-Semi, Inc ACT8332 Datasheet HTML 6Page - Active-Semi, Inc ACT8332 Datasheet HTML 7Page - Active-Semi, Inc ACT8332 Datasheet HTML 8Page - Active-Semi, Inc ACT8332 Datasheet HTML 9Page - Active-Semi, Inc ACT8332 Datasheet HTML 10Page - Active-Semi, Inc ACT8332 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ACT8332
Rev1, 24-May-10
STEP-DOWN DC/DC CONVERTER
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT8332NDAQB, VVP1 = 3.6V, L = 3.3µH, CVP1 = 2.2μF, COUT1 = 10μF, TA = 25°C, unless otherwise specified.)
REG1 Efficiency vs. Load Current
100
0.1
1000
Output Current (mA)
90
80
70
60
1
10
100
REG1 Transient Peak Inductor Current
650
VP1 Voltage (V)
5.5
3.5
4.0
4.5
5.0
630
610
590
570
3.0
550
VOUT1 = 1.8V
3.6V
4.2V
3.2V
REG1 MOSFET Resistance
VP1 Voltage (V)
600
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
500
400
300
200
100
REG1 Load Regulation
0.2
0
400
Output Current (mA)
50
100
150
200
250
300
350
0.0
-0.2
-0.4
-0.6
-0.8
OUT1 Regulation Voltage
1.812
1.788
Temperature (°C)
-20
-40
0
20
40
60
1.808
1.804
1.800
1.796
1.792
IOUT1 = 35mA
85
PMOS
NMOS
3.6V
4.2V
-1.0
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com