Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8332 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT8332
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8332 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT8332 Datasheet HTML 5Page - Active-Semi, Inc ACT8332 Datasheet HTML 6Page - Active-Semi, Inc ACT8332 Datasheet HTML 7Page - Active-Semi, Inc ACT8332 Datasheet HTML 8Page - Active-Semi, Inc ACT8332 Datasheet HTML 9Page - Active-Semi, Inc ACT8332 Datasheet HTML 10Page - Active-Semi, Inc ACT8332 Datasheet HTML 11Page - Active-Semi, Inc ACT8332 Datasheet HTML 12Page - Active-Semi, Inc ACT8332 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ACT8332
Rev1, 24-May-10
LOW-DROPOUT LINEAR REGULATORS
Innovative Power
TM
- 11 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT8332NDAQB, VINL = 5V, TA = 25°C, unless otherwise specified.)
Load Regulation
Load Current (mA)
0.5
-0.5
0
0.4
0.3
0.2
0.1
0.0
-0.1
-0.2
-0.3
-0.4
Output Current (mA)
Dropout Voltage vs. Output Current
200
50
0
150
100
200
Temperature (°C)
-40
85
-15
10
35
60
LDO Output Voltage Noise
CH1
CH1: VOUTx, 200µV/div (AC COUPLED)
TIME: 200ms/div
Region of Stable COUT ESR vs. Output Current
25
50 75 100 125 150
200 225 250
175
225
150
125
100
75
50
25
0
250
-0.5
0.4
0.3
0.2
0.1
0.0
-0.1
-0.2
-0.3
-0.4
ILOAD = 0mA
1
0.1
0.01
0
50
100
150
200
250
300
360
300
360
300 360
Output Current (mA)
Stable ESR
REG2, REG3
175
Output Voltage Deviation vs. Temperature
0.5
3.1V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com