Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8332 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT8332
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8332 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT8332 Datasheet HTML 5Page - Active-Semi, Inc ACT8332 Datasheet HTML 6Page - Active-Semi, Inc ACT8332 Datasheet HTML 7Page - Active-Semi, Inc ACT8332 Datasheet HTML 8Page - Active-Semi, Inc ACT8332 Datasheet HTML 9Page - Active-Semi, Inc ACT8332 Datasheet HTML 10Page - Active-Semi, Inc ACT8332 Datasheet HTML 11Page - Active-Semi, Inc ACT8332 Datasheet HTML 12Page - Active-Semi, Inc ACT8332 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ACT8332
Rev1, 24-May-10
STEP-DOWN DC/DC CONVERTER
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
Figure 4:
Output Voltage Programming
Finally choose CFF using the following equation:
where RFB1 = 47kΩ, use 47pF.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout an important part of step-
down DC/DC converter design. A good design mini-
mizes excessive EMI on the feedback paths and volt-
age gradients in the ground plane, both of which can
result in instability or regulation errors. Step-down
DC/DCs exhibit discontinuous input current, so the
input capacitors should be placed as close as possi-
ble to the IC, and avoiding the use of vias if possible.
The inductor, input filter capacitor, and output filter
capacitor should be connected as close together as
possible, with short, direct, and wide traces. The
ground nodes for each regulator's power loops
should be connected at a single point in a star-
ground configuration, and this point should be con-
nected to the backside ground plane with multiple
vias. For fixed output voltage options, connect the
output node directly to the FB1 pin. For adjustable
output voltage options, connect the feedback resis-
tors and feed-forward capacitor to the FB1 pin
through the shortest possible route. In both cases,
the feedback path should be routed to maintain suffi-
cient distance from switching nodes to prevent noise
injection. Finally, the exposed pad should be directly
connected to the backside ground plane using multi-
ple vias to achieve low electrical and thermal resis-
tance.
(2)
1
FB
6
FF
R
10
2
.
2
C
−
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com