Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8332 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT8332
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8332 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT8332 Datasheet HTML 4Page - Active-Semi, Inc ACT8332 Datasheet HTML 5Page - Active-Semi, Inc ACT8332 Datasheet HTML 6Page - Active-Semi, Inc ACT8332 Datasheet HTML 7Page - Active-Semi, Inc ACT8332 Datasheet HTML 8Page - Active-Semi, Inc ACT8332 Datasheet HTML 9Page - Active-Semi, Inc ACT8332 Datasheet HTML 10Page - Active-Semi, Inc ACT8332 Datasheet HTML 11Page - Active-Semi, Inc ACT8332 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ACT8332
Rev1, 24-May-10
STEP-DOWN DC/DC CONVERTER
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
FUNCTIONAL DESCRIPTION
General Description
REG1 is a fixed-frequency, current-mode, synchro-
nous PWM step-down converters that achieves a
peak efficiency of up to 97%. REG1 is capable of
supplying up to 350mA of output current and oper-
ates with a fixed frequency of 1.6MHz, minimizing
noise in sensitive applications and allowing the use
of small external components. REG1 is available
with a variety of standard and custom output volt-
ages, as well as an adjustable output voltage option.
100% Duty Cycle Operation
REG1 is capable of operating at up to 100% duty
cycle. During 100% duty-cycle operation, the
high-side power MOSFET is held on continuously,
providing a direct connection from the input to the
output (through the inductor), ensuring the lowest
possible dropout voltage in battery-powered appli-
cations.
Synchronous Rectification
REG1 features an integrated n-channel synchro-
nous rectifier, which maximizes efficiency and mini-
mizes the total solution size and cost by eliminating
the need for an external rectifier.
Enabling and Disabling REG1
REG1 is enabled or disabled using ON1. Drive ON1
to a logic-high to enable REG1. Drive ON1 to a
logic-low to disable REG1, reducing supply current
to less than 1µA
Soft-Start
REG1 includes internal soft-start circuitry, and en-
abled its output voltage tracks an internal 80µs soft-
start ramp so that it powers up in a monotonic man-
ner that is independent of loading.
Compensation
REG1 utilizes current-mode control and a proprie-
tary internal compensation scheme to simultane-
ously simplify external component selection and
optimize transient performance over its full operat-
ing range. No compensation design is required,
simply follow a few simple guidelines described be-
low when choosing external components.
Input Capacitor Selection
The input capacitor reduces peak currents and
noise induced upon the voltage source. A 2.2µF
ceramic input capacitor is recommended for most
applications.
Output Capacitor Selection
For most applications, a 10µF ceramic output ca-
pacitor is recommended. Although REG1 was de-
signed to take advantage of the benefits of ceramic
capacitors, namely small size and very-low ESR,
low-ESR tantalum capacitors can provide accept-
able results as well.
Inductor Selection
REG1 utilizes current-mode control and a proprie-
tary internal compensation scheme to simultane-
ously simplify external component selection and
optimize transient performance over its full operat-
ing range. REG1 was optimized for operation with a
3.3µH inductor, although inductors in the 2.2µH to
4.7µH range can be used. Choose an inductor with
a low DC-resistance, and avoid inductor saturation
by choosing inductors with DC ratings that exceed
the maximum output current of the application by at
least 30%.
Thermal Shutdown
The ACT8332 integrates thermal shutdown protec-
tion circuitry to prevent damage resulting from ex-
cessive thermal stress, as may be encountered un-
der fault conditions. This circuitry disables all regu-
lators if the ACT8332 die temperature exceeds
160°C, and prevents the regulators from being en-
abled until the IC temperature drops by 20°C (typ).
Output Voltage Programming
Figure 4 shows the feedback network necessary to
set the output voltage when using the adjustable
output voltage option. Select components as fol-
lows: Set RFB2 = 51KΩ, then calculate RFB1 using
the following equation:
Where VFB1 is 0.625V
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
V
V
R
R
1
FB
1
OUT
2
FB
1
FB
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com