Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR36685 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LR36685
Description  Vertical Driver IC for CCD Area Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 3 Page - Sharp Corporation

  LR36685 Datasheet HTML 1Page - Sharp Corporation LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LR36685
3
PIN DESCRIPTION
16
GND
Ground
A grounding pin.
PIN NO. SYMBOL
PIN NAME
DESCRIPTION
1
POFD
OFD pulse output
An electronic shutter pulse output.
(high level = VOFDH, low level = VL)
2VMb
Power supply
A power supply for high level of V2 and V4.
3VL
Power supply
A power supply for low level of all output pulses.
4V2
Vertical transfer
pulse output 2
A pulse to drive vertical CCD shift register.
Connect to ØV2.
5V4
Vertical transfer
pulse output 4
A pulse to drive vertical CCD shift register.
Connect to ØV4.
6
NC
No connection
No connection
A pulse to drive vertical CCD shift register.
Connect to ØV3B.
Vertical transfer
pulse output 3B
V3B
7
9V1B
Vertical transfer
pulse output 1B
A pulse to drive vertical CCD shift register.
Connect to ØV1B.
8V3A
Vertical transfer
pulse output 3A
A pulse to drive vertical CCD shift register.
Connect to ØV3A.
A pulse to drive vertical CCD shift register.
Connect to ØV1A.
Vertical transfer
pulse output 1A
V1A
10
11
VMa
Power supply
A power supply for intermediate level of V1A, V1B, V3A
and V3B.
A power supply for high level of V1A, V1B, V3A and V3B.
Power supply
VH
12
13
VH1BX
Readout pulse input
1B
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
A vertical transfer pulse input.
Vertical transfer
pulse input 4
V4X
14
15
VH3AX
Readout pulse input
3A
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
A vertical transfer pulse input.
Vertical transfer
pulse input 3
V3X
18
A power supply for input pulses.
Power supply
VDD
17
19
VH1AX
Readout pulse input
1A
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
A vertical transfer pulse input.
Vertical transfer
pulse input 1
V1X
20
22
OFDX
OFD pulse input
An electronic shutter pulse input.
21
V2X
Vertical transfer
pulse input 2
A vertical transfer pulse input.
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
Readout pulse input
3B
VH3BX
23
24
VOFDH
Power supply
A power supply for high level of POFD.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com