Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR36685 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LR36685
Description  Vertical Driver IC for CCD Area Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 6 Page - Sharp Corporation

  LR36685 Datasheet HTML 1Page - Sharp Corporation LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LR36685
6
AC Characteristics
(VDD = +3.3 V, VH = +15.0 V, VL = –9.0 V, VMa = VMb = 0 V, VOFDH = +17.0 V, TA = +25 ˚C,
Shutter speed : 1/100 000 s)
PARAMETER
SYMBOL
CONDITIONS
TYP.
Sequential delay
tTRM
(VL/VM)
VIN to VM – 1.0 V
(V1A, V1B, V2, V3A, V3B, V4)
600
ns
UNIT
1 200
MAX.
Dynamic current
tTFOFDL
(VOFDH/VL)
tTROFDH
(VL/VOFDH)
tTFM
(VH/VM)
tTRH
(VM/VH)
tTFL
(VM/VL)
160
ns
80
VIN to VL + 1.0 V
(POFD)
160
ns
80
VIN to VOFDH – 1.0 V
(POFD)
1 600
ns
800
VIN to VM + 1.0 V
(V1A, V1B, V3A, V3B)
1 600
ns
800
VIN to VH – 1.0 V
(V1A, V1B, V3A, V3B)
1 200
ns
600
VIN to VL + 1.0 V
(V1A, V1B, V2, V3A, V3B, V4)
During operation
5
mA
10
IDYN
NOTE :
Refer to "Switching Characteristics Conditions" and "Equivalent Circuit".



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com