Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR36685 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LR36685
Description  Vertical Driver IC for CCD Area Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 4 Page - Sharp Corporation

  LR36685 Datasheet HTML 1Page - Sharp Corporation LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LR36685
4
ABSOLUTE MAXIMUM RATINGS
(TA = +25 ˚C)
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATING
UNIT
Supply voltage
VDD
GND – 0.3 to GND + 6.0
V
VH – VL
29.0
V
VMa, VMb
VL to VH
V
VOFDH – VL
34.0
V
Input voltage
VIN
GND – 0.3 to VDD + 0.3
V
Storage temperature
TSTG
–55 to +150
˚C
1
NOTE
NOTE :
1. VH (MIN.) = VDD, VOFDH (MIN.) = VDD, VL (MAX.) = GND
PARAMETER
SYMBOL
MIN.
TYP.
Supply voltage
VDD
3.0
3.3
VH – VL
17.0
24.0
VH
12.0
15.0
VL
–10.0
–9.0
VMa, VMb
0.0
VOFDH – VL
17.0
26.0
V
V
V
V
V
V
UNIT
32.0
–5.0
20.0
27.0
5.5
MAX.
+70
˚C
–20
TOPR
Operating temperature
kHz
15.625
PAL
kHz
15.734
NTSC
Operating frequency
0.25VDD
V
0
VIN (Low)
Input voltage
24.0
V
17.0
12.0
VOFDH
VIN (High) 0.8VDD
V
VDD + 0.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com