Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR36685 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR36685
Description  Vertical Driver IC for CCD Area Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 5 Page - Sharp Corporation

  LR36685 Datasheet HTML 1Page - Sharp Corporation LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LR36685
5
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = +3.3 V, VH = +15.0 V, VL = –9.0 V, VMa = VMb = 0 V, VOFDH = +17.0 V, TA = +25 ˚C)
Input "Low" voltage
VIL
Input "High" voltage
VIH
Input "Low" current
|IIL|
|IIH|
Output "Low" voltage
VOL
Output "High" voltage
VOH
Output "Intermediate" voltage
VOMLa
VOMHa
VOMLb
VOMHb
Output "Low" current
|IOL|
Output "High" current
|IOH|
Output "High" current
|IOFDH|
Output "Intermediate" current
|IOMLa|
|IOMHa|
|IOMLb|
|IOMHb|
RONH
RONOFH
RONM
RONL
|IDD|
PARAMETER
SYMBOL
CONDITIONS
Input "High" current
VOFDH
Output "High" voltage
MIN.
0.8VDD
0.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
–0.1
–0.1
–0.1
–0.1
16.9
14.9
20
25
20
TYP.
30
MAX.
1.0
200
VDD + 0.2
0.25VDD
0.1
0.1
0.1
0.1
–8.9
2.0
IOL < 1 µA
VIH = 3.3 V
VIL = 0 V
IOFDH = 20 mA
IOH = 20 mA
VOMHb = VM + 0.1 V
VOMLb = VM – 0.1 V
VOMHa = VM + 0.1 V
VOMLa = VM – 0.1 V
VOFDH = VOFDH – 0.1 V
VOH = VH – 0.1 V
VOL = VL + 0.1 V
IOMHb < 1 µA
IOMLb < 1 µA
IOMHa < 1 µA
IOMLa < 1 µA
IOFDH < 1 µA
IOH < 1 µA
IOL = 20 mA
IOM = 20 mA
$
$
mA
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
V
V
µA
µA
$
UNIT
$3
NOTE
3
1, 2, 3
1
2
1, 2, 3
1, 2, 3
µA
µA
200
200
|IL|
|IM|
µA
µA
200
200
|IOFDH|
|IH|
2
3
Static current
Output ON resistance
mA
2
2
1
2
1, 2
NOTES :
1. Applied to outputs (V2, V4).
2. Applied to outputs (V1A, V1B, V3A, V3B).
3. Applied to output (POFD).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com