Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR36685 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LR36685
Description  Vertical Driver IC for CCD Area Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 7 Page - Sharp Corporation

  LR36685 Datasheet HTML 1Page - Sharp Corporation LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LR36685
7
Switching Characteristics Conditions
Equivalent Circuit
(While V1A and V3A [or V1B and V3B] are measured, V1B and V3B
[or V1A and V3A] are open.)
tTRH
tTFM
tTFL
tTRM
VM – 1.0
VH – 1.0
VM + 1.0
VL + 1.0
VL + 1.0
tTROFDH
tTFOFDL
VDD (3.3 V)
GND (0.0 V)
VDD (3.3 V)
V1X, V2X
V3X, V4X
VH1AX, VH1BX
VH3AX, VH3BX
V1A, V1B
V3A, V3B
V2, V4
OFDX
POFD
GND (0.0 V)
VH (15.0 V)
VMa (0.0 V)
VL (–9.0 V)
VMb (0.0 V)
VL (–9.0 V)
VDD (3.3 V)
GND (0.0 V)
VOFDH (17.0 V)
VL (–9.0 V)
VOFDH – 1.0
C41
C23
C12
C1
C2
C3
C4
C34
R1
R2
R4
R3
V1A
(or V1B)
V2
V4
V3A
(or V3B)
POFD
CSUB
CSUB = 500 pF
RG
R1 to R4 = 51 $
RG = 10 $
C1 to C4 = 3 300 pF
C12, C23, C34, C41 = 1 000 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com