Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-C Datasheet(PDF) 14 Page - Cree, Inc

Part # XP-C
Description  Cree® XLamp® XP-C LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-C Datasheet(HTML) 14 Page - Cree, Inc

Back Button XP-C Datasheet HTML 8Page - Cree, Inc XP-C Datasheet HTML 9Page - Cree, Inc XP-C Datasheet HTML 10Page - Cree, Inc XP-C Datasheet HTML 11Page - Cree, Inc XP-C Datasheet HTML 12Page - Cree, Inc XP-C Datasheet HTML 13Page - Cree, Inc XP-C Datasheet HTML 14Page - Cree, Inc XP-C Datasheet HTML 15Page - Cree, Inc XP-C Datasheet HTML 16Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
14
XLAMP XP-C LEDS
MECHANICAL DIMENSIONS (T
A = 25°C)
All measurements are ±.13 mm unless otherwise indicated.
.60
1.60
1.65
.65
2.00
3.45
3.45
.40
.60
3.20
1.20
.40
.40
3.20
(HATCHED AREA IS OPENING)
RECOMMENDED STENCIL PATTERN
RECOMMENDED PCB SOLDER PAD
3.30
3.30
1.30
.50
.50
.50
.40
2.30
3.30
.50
1.30
.50
.73
2.6
Side View
Top View
Bottom View
All Measurements are .13mm unless otherwise indicated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com