Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-C Datasheet(PDF) 1 Page - Cree, Inc

Part # XP-C
Description  Cree® XLamp® XP-C LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-C Datasheet(HTML) 1 Page - Cree, Inc

  XP-C Datasheet HTML 1Page - Cree, Inc XP-C Datasheet HTML 2Page - Cree, Inc XP-C Datasheet HTML 3Page - Cree, Inc XP-C Datasheet HTML 4Page - Cree, Inc XP-C Datasheet HTML 5Page - Cree, Inc XP-C Datasheet HTML 6Page - Cree, Inc XP-C Datasheet HTML 7Page - Cree, Inc XP-C Datasheet HTML 8Page - Cree, Inc XP-C Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PRODUCT FAMILY DATA SHEET
Cree
® XLamp® XP-C LEDs
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without
notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
The XLamp XP-C LED combines
the proven lighting-class perfor-
mance and reliability of the XLamp
XR-E LED in a package with 80%
smaller footprint. The XLamp XP-C
LED continues Cree’s history of
innovation in LEDs for lighting
applications
with
wide
viewing
angle, symmetrical package, unlim-
ited floor life and electrically neutral
thermal path.
Cree
XLamp
LEDs
bring
high
performance and quality of light
to a wide range of lighting appli-
cations, including color-changing
lighting,
portable
and
personal
lighting, outdoor lighting, indoor
directional
lighting,
commercial
lighting
and emergency-vehicle
lighting.
FEATURES
Available in white (2,600 K
to 10,000 K CCT), royal blue,
blue, green, red, amber, red-
orange
Maximum drive current: up to
500 mA
Low thermal resistance: as low
as 10 °C/W
Wide viewing angle: 110° –
125°
Unlimited floor life at ≤ 30
ºC/85% RH
Reflow solderable - JEDEC J-
STD-020C compatible
Electrically neutral thermal
path
RoHS-compliant
UL-recognized component
(E326295)
TABLE OF CONTENTS
Flux Characteristics.................... 2
Flux Characteristics - Color ......... 2
Characteristics .......................... 4
Relative Spectral Power
Distribution............................... 5
Relative Flux vs. Junction Tempera-
ture ......................................... 6
Electrical Characteristics............. 7
Thermal Design......................... 8
Relative Flux vs. Current ...........10
Typical Spatial Distribution.........11
Reflow Soldering Characteristics .12
Notes......................................13
Mechanical Dimensions..............14
Tape and Reel ..........................15
Packaging................................16
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300


Similar Part No. - XP-C

ManufacturerPart #DatasheetDescription
logo
Cree LED
XP-C CREELED-XP-C Datasheet
1Mb / 17P
Cree® XLamp® XP-C LEDs
Rev 9A
More results

Similar Description - XP-C

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com