Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-C Datasheet(PDF) 4 Page - Cree, Inc

Part # XP-C
Description  Cree® XLamp® XP-C LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-C Datasheet(HTML) 4 Page - Cree, Inc

  XP-C Datasheet HTML 1Page - Cree, Inc XP-C Datasheet HTML 2Page - Cree, Inc XP-C Datasheet HTML 3Page - Cree, Inc XP-C Datasheet HTML 4Page - Cree, Inc XP-C Datasheet HTML 5Page - Cree, Inc XP-C Datasheet HTML 6Page - Cree, Inc XP-C Datasheet HTML 7Page - Cree, Inc XP-C Datasheet HTML 8Page - Cree, Inc XP-C Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
4
XLAMP XP-C LEDS
Color
Dominant Wavelength Range
Base Order Codes Min Lumi-
nous Flux (lm) @ 350 mA
Calculated Min
Luminous Flux
(lm) @ 125 mA*
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux (lm)
Flux (lm)
Red
R2
620
R3
630
K2
30.6
11.7
XPCRED-L1-0000-00Y01
K3
35.2
13.4
XPCRED-L1-0000-00Z01
M2
39.8
15.2
XPCRED-L1-0000-00201
M3
45.7
17.5
XPCRED-L1-0000-00301
* Calculated values for reference only
Note: Cree maintains a tolerance of +/- 7% on flux and power measurements.
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Thermal Resistance, junction to solder point - white, royal blue, blue
°C/W
12
Thermal Resistance, junction to solder point - green
°C/W
20
Thermal Resistance, junction to solder point - amber
°C/W
15
Thermal Resistance, junction to solder point - red, red-orange
°C/W
10
Viewing Angle (FWHM) - white
degrees
115
Viewing Angle (FWHM) - royal blue, blue, green, red, red-orange, amber
degrees
125
Temperature coefficient of voltage - white, blue, royal blue, green
mV/°C
-4.0
Temperature coefficient of voltage - red-orange, red, amber
mV/°C
-2.0
ESD Classification (HBM per Mil-Std-883D)
Class 2
DC Forward Current - white, royal blue, blue, green
mA
500
DC Forward Current - red-orange, red, amber
mA
350
Reverse Voltage
V
5
Forward Voltage (@ 350 mA) - royal blue, blue, white
V
3.4
3.9
Forward voltage (@ 350 mA) - green
V
3.5
3.9
Forward voltage (@ 350 mA) - red-orange, red, amber
V
2.2
2.5
Forward Voltage (@ 125 mA) - royal blue, blue
V
3.1
Forward Voltage (@ 125 mA) - green
V
3.3
Forward Voltage (@ 125 mA) - red-orange, red
V
2.0
Forward Voltage (@ 125 mA) - amber
V
2.1
Forward voltage (@ 500 mA) - royal blue, blue, white
V
3.5
Forward Voltage (@ 500 mA) - green
V
3.6
LED Junction Temperature
°C
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com