Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-C Datasheet(PDF) 3 Page - Cree, Inc

Part # XP-C
Description  Cree® XLamp® XP-C LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-C Datasheet(HTML) 3 Page - Cree, Inc

  XP-C Datasheet HTML 1Page - Cree, Inc XP-C Datasheet HTML 2Page - Cree, Inc XP-C Datasheet HTML 3Page - Cree, Inc XP-C Datasheet HTML 4Page - Cree, Inc XP-C Datasheet HTML 5Page - Cree, Inc XP-C Datasheet HTML 6Page - Cree, Inc XP-C Datasheet HTML 7Page - Cree, Inc XP-C Datasheet HTML 8Page - Cree, Inc XP-C Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
3
XLAMP XP-C LEDS
Color
Dominant Wavelength Range
Base Order Codes Min Lu-
minous Flux (lm) @ 350 mA
Calculated Min Luminous
Flux (lm) @ 125 mA*
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux (lm)
Flux (lm)
Blue
B3
465
B6
485
H
18.1
8.3
XPCBLU-L1-0000-00V01
J
23.5
10.6
XPCBLU-L1-0000-00W01
Color
Dominant Wavelength Range
Base Order Codes Min Lumi-
nous Flux (lm) @ 350 mA
Calculated Min Luminous
Flux (lm) @ 125 mA*
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux (lm)
Flux (lm)
Green
G2
520
G4
535
N3
56.8
25.6
XPCGRN-L1-0000-00501
N4
62
30.8
XPCGRN-L1-0000-00601
P2
67.2
33.3
XPCGRN-L1-0000-00701
P3
73.9
36.7
XPCGRN-L1-0000-00801
Color
Dominant Wavelength Range
Base Order Codes Min Lumi-
nous Flux (lm) @ 350 mA
Calculated Min Luminous
Flux (lm) @ 125 mA*
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux (lm)
Flux (lm)
Amber
A2
585
A3
595
K3
35.2
13.2
XPCAMB-L1-0000-00Z01
M2
39.8
14.9
XPCAMB-L1-0000-00201
M3
45.7
17.1
XPCAMB-L1-0000-00301
N2
51.7
19.4
XPCAMB-L1-0000-00401
Color
Dominant Wavelength Range
Base Order Codes Min Lumi-
nous Flux (lm) @ 350 mA
Calculated Min Luminous
Flux (lm) @ 125 mA*
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux (lm)
Flux (lm)
Red-
Orange
O3
610
O4
620
M2
39.8
15.2
XPCRDO-L1-0000-00201
M3
45.7
17.5
XPCRDO-L1-0000-00301
N2
51.7
19.8
XPCRDO-L1-0000-00401
N3
56.8
21.7
XPCRDO-L1-0000-00501
* Calculated values for reference only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com