Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-C Datasheet(PDF) 2 Page - Cree, Inc

Part # XP-C
Description  Cree® XLamp® XP-C LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-C Datasheet(HTML) 2 Page - Cree, Inc

  XP-C Datasheet HTML 1Page - Cree, Inc XP-C Datasheet HTML 2Page - Cree, Inc XP-C Datasheet HTML 3Page - Cree, Inc XP-C Datasheet HTML 4Page - Cree, Inc XP-C Datasheet HTML 5Page - Cree, Inc XP-C Datasheet HTML 6Page - Cree, Inc XP-C Datasheet HTML 7Page - Cree, Inc XP-C Datasheet HTML 8Page - Cree, Inc XP-C Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
2
XLAMP XP-C LEDS
FLUX CHARACTERISTICS (T
J = 25°C)
The following table provides several base order codes for XLamp XP-C LEDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well as
a complete description of the order-code nomenclature, please consult the XP Family Binning and Labeling document.
Color
CCT Range
Base Order Codes
Min Luminous Flux
(lm) @ 350 mA
Order Code
Min.
Max.
Group
Flux (lm)
Cool White
5,000 K
10,000 K
P4
80.6
XPCWHT-L1-0000-00901
Q2
87.4
XPCWHT-L1-0000-00A01
Q3
93.9
XPCWHT-L1-0000-00B01
Q4
100
XPCWHT-L1-0000-00C01
Neutral
White
3,700 K
5,000 K
P3
73.9
XPCWHT-L1-0000-008E4
P4
80.6
XPCWHT-L1-0000-009E4
Q2
87.4
XPCWHT-L1-0000-00AE4
Warm
White
2,600 K
3,700 K
N4
62.0
XPCWHT-L1-0000-006E7
P2
67.2
XPCWHT-L1-0000-007E7
P3
73.9
XPCWHT-L1-0000-008E7
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements and ±2 on CRI measurements.
•
Typical CRI for Cool White & Neutral White (3,700 K – 10,000 K CCT) is 75.
•
Typical CRI for Warm White (2,600 K – 3,700 K CCT) is 80.
FLUX CHARACTERISTICS (T
J = 25°C) - COLOR
The following table provides several base order codes for XLamp XP-C LEDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well
as a complete description of the order-code nomenclature, please consult the XLamp XP Family Binning and Labeling
document.
Color
Dominant Wavelength Range
Base Order Codes Min Radiant
Flux (mW) @ 350 mA
Calculated Min Radiant-
Flux (mW) @ 125 mA*
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux (mW)
Flux (mW)
Royal
Blue
D3
450
D5
465
12
250
104
XPCROY-L1-0000-00701
13
300
124
XPCROY-L1-0000-00801
14
350
145
XPCROY-L1-0000-00901
* Calculated values for reference only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com