Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP1612PW05 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 12Page - STMicroelectronics STP1612PW05 Datasheet HTML 13Page - STMicroelectronics STP1612PW05 Datasheet HTML 14Page - STMicroelectronics STP1612PW05 Datasheet HTML 15Page - STMicroelectronics STP1612PW05 Datasheet HTML 16Page - STMicroelectronics STP1612PW05 Datasheet HTML 17Page - STMicroelectronics STP1612PW05 Datasheet HTML 18Page - STMicroelectronics STP1612PW05 Datasheet HTML 19Page - STMicroelectronics STP1612PW05 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Definition of configuration register
STP1612PW05
16/35
Doc ID 15819 Rev 4
7
Definition of configuration register
Configuration register
Default value
MSB
LSB
F
E
D
C
B
A
98
76543
210
MSB
LSB
F
E
D
C
B
A
98
76543
210
X
0
1
11
1
8’b10101011
0
0
Table 13.
Configuration register
Bit
Attribute
Definition
Value
Function
F
Read/Write
Shift register
length
0 (default)
Shift register length 0 = 16-bit,1 = 256-bit
E
Read
Thermal error
flag
0 (default)
Safe (OK)
1
Over temperature (>150 °C typ.)
D
Read/Write
PWM counter:
16-bit or 12-bit
0 (default)
To set the gray scale mode (PWM):
0 = 12-bit 1 = 16-bit
C
Read/Write
PWM counting
mode selection
00
64 times of MSB(1) 6-bit PWM counting plus once
of LSB(1) 6-bit PWM counting
1.
Please refer to “setting the PWM counting mode” section.
01
16 times of MSB 6-bit PWM counting by 1/4
PWCLK plus once of LSB 6-bit PWM counting
B
10
4 times of MSB 6-bit PWM counting by 1/16
PWCLK plus once of LSB 6-bit PWM counting
11 (default) PWM counting
A
Read/Write
PWM data
synchronization
mode
0
Auto-synchronization
1 (default)
Manual synchronization
9~2
Read/Write
Current gain
adjustment
00000000
~
11111111
8’b10101011 (default)
1
Read/Write
TSD thermal
shutdown
0 (default)
Disable
1
Enable (2) the output channel turn OFF
if TTF > 150 °C
2.
Please refer to “TSD” thermal error flag and thermal shutdown “section.
0
Read/Write
Time-out alert of
PWCLK
disconnection
0 (default)
Enable (3)
3.
Please refer to “time-out alert of PWCLK disconnection” section.
1
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com