Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP1612PW05 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 19Page - STMicroelectronics STP1612PW05 Datasheet HTML 20Page - STMicroelectronics STP1612PW05 Datasheet HTML 21Page - STMicroelectronics STP1612PW05 Datasheet HTML 22Page - STMicroelectronics STP1612PW05 Datasheet HTML 23Page - STMicroelectronics STP1612PW05 Datasheet HTML 24Page - STMicroelectronics STP1612PW05 Datasheet HTML 25Page - STMicroelectronics STP1612PW05 Datasheet HTML 26Page - STMicroelectronics STP1612PW05 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
STP1612PW05
Delay time of staggered output
Doc ID 15819 Rev 4
23/35
For example,
HC = 1, G = 1.25, D = (256x1.25-128)/3 = 64
the D in binary form would be:
D = 64 = 1x26+0x25+0x24+0x23+0x22+0x21+0x20
The bit 9 to bit 2 of the configuration register are set to 8’b1100,0000.
13
Delay time of staggered output
This feature prevents large inrush current from the power line and reduces the bypass
capacitors.
The outputs are organized in four groups OUT4n, OUT4n+1, OUTn4+2, OUT4n+3 and each
group has 40 ns delay between the previous one.
E.g.: OUT4n has no delay, OUTn4+1 has 40ns delay, OUTn4+2 has 80ns delay, OUTn4+3
has 120 ns delay.
14
Thermal protection
Thermal flag provides an indication about the status of the junction temperature. When the
junction temperature reaches 150 °C the bit E of the configuration register is set to “1”,
signaling dangerous operating condition. This flag is useful when thermal shutdown function
is disabled.
The thermal shutdown function, if activated by configuration register, turns-off all output
channels if the junction exceeds 150 °C. As soon as the junction temperature is below 140
°C the outputs channels will be turned ON. In thermal shutdown mode, the digital core is
active and data flow is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com