Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP1612PW05 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 16Page - STMicroelectronics STP1612PW05 Datasheet HTML 17Page - STMicroelectronics STP1612PW05 Datasheet HTML 18Page - STMicroelectronics STP1612PW05 Datasheet HTML 19Page - STMicroelectronics STP1612PW05 Datasheet HTML 20Page - STMicroelectronics STP1612PW05 Datasheet HTML 21Page - STMicroelectronics STP1612PW05 Datasheet HTML 22Page - STMicroelectronics STP1612PW05 Datasheet HTML 23Page - STMicroelectronics STP1612PW05 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Error detection conditions
STP1612PW05
20/35
Doc ID 15819 Rev 4
10
Error detection conditions
The STP1612PW05 can detect open channels (OD) and LED short-circuits (SD).
The detection circuitry performs open- and short-circuit detection simultaneously and the
image quality will not be impacted since the test duration is short (0.5 µs typ).
To perform the open-circuit, short-circuit error detection a channel must be on, the
command “enable error detection” starts the detection. After 0.5 µs (typ) the command “read
error status code” allows to get the status from the serial output (SDO).
Note:
Where: IO = the output current programmed by the REXT, IODEC = the detected output
current in detection mode
Figure 11.
Detection circuit
Table 14.
Detection conditions (VDD = 3.3 to 5 V temp. range -40 to 125 °C)
SW-1 or
SW-3b
Open line or output short to GND
detected
==> IODEC ≤ 0.5 x IO
SW-2 or
SW-3a
Short on LED or short to V-LED
detected
==> VO ≥ 2.3 V
16
STP1612PW05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com