Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP1612PW05 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 18Page - STMicroelectronics STP1612PW05 Datasheet HTML 19Page - STMicroelectronics STP1612PW05 Datasheet HTML 20Page - STMicroelectronics STP1612PW05 Datasheet HTML 21Page - STMicroelectronics STP1612PW05 Datasheet HTML 22Page - STMicroelectronics STP1612PW05 Datasheet HTML 23Page - STMicroelectronics STP1612PW05 Datasheet HTML 24Page - STMicroelectronics STP1612PW05 Datasheet HTML 25Page - STMicroelectronics STP1612PW05 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Current gain adjustment
STP1612PW05
22/35
Doc ID 15819 Rev 4
12
Current gain adjustment
The bit 9 to bit 2 of the configuration register set the gain of output current, i.e., G. Being 8-
bit in total, ranging from 8’b00000000 to 8’b11111111, these bits allow the user to set the
output current gain up to 256 levels. These bits can be further defined in the configuration
register as follows:
Configuration register
1.
Bit 9 is HC bit. The setting is in the low current range when HC=0, and in the high
current range when HC=1.
2.
Bit 8 to bit 2 are DA6 ~ DA0.
The relationship between these bits and current gain G is:
HC = 1, D = (256G-128)/3
HC = 0, D = (1024G-128)/3
and D in the above decimal numeration can be converted to its equivalent in binary form by
the following equation:
D = DA6x26 + DA5x25 + DA4x24 + DA3x23 + DA2x22 + DA1x21 + DA0x20
In other words, these bits can be looked as a floating number with 1-bit exponent HC and 7-
bit mantissa DA6~DA0.
Figure 13.
Gain vs DA6 - DA0
MSB
LSB
F
E
D
C
B
A
98
76543
210
----
--
HC
DA6
DA5
DA4
DA3
DA2
DA1
DA0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com