Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP1612PW05 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 17Page - STMicroelectronics STP1612PW05 Datasheet HTML 18Page - STMicroelectronics STP1612PW05 Datasheet HTML 19Page - STMicroelectronics STP1612PW05 Datasheet HTML 20Page - STMicroelectronics STP1612PW05 Datasheet HTML 21Page - STMicroelectronics STP1612PW05 Datasheet HTML 22Page - STMicroelectronics STP1612PW05 Datasheet HTML 23Page - STMicroelectronics STP1612PW05 Datasheet HTML 24Page - STMicroelectronics STP1612PW05 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
STP1612PW05
Setting output current
Doc ID 15819 Rev 4
21/35
11
Setting output current
The output current (IOUT) is set by an external resistor, Rext.
It is calculated from the equation:
VR-EXT = 1.24 x G; IOUT = (VR-EXT/Rext) x 560
Whereas Rext is the resistance of the external resistor connected to R-EXT terminal
and VR-EXT is its voltage. G is the digital current gain, which is set by the bit9 – bit2 of the
configuration register. The default value of G is 1. For your information, the output current is
about 20 mA when Rext = 34.70 kΩ and 10 mA when Rext = 69.6 kΩ if G is set to
default value 1. The formula and setting for G are described in next section.
Figure 12.
Rext vs output current
Table 15.
Rext vs output current (1)
1.
TA = 25 °C, Vdd = 3.3 V; 5.0 V, VLed = 3.0 V, Vdrop = 1.5 V, HC = 0101011 (default)
Iout (mA)
Rext (k
Ω)
3
238.2
5
142.2
10
69.6
20
34.70
30
22.94
50
13.72
60
11.40
80
8.63
0
25
50
75
100
125
150
175
200
225
250
275
3
5
10
20
30
50
60
80
Iout (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com