Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-2AMX6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ECMF02-2AMX6
Description  Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2AMX6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ECMF02-2AMX6 Datasheet HTML 5Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 6Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 9Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 10Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 11Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 12Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ECMF02-2AMX6
Package information
Doc ID 17815 Rev 2
9/15
4
Package information
●
Epoxy meets UL94, V0
●
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin
1 mark is to be used for this purpose.
Table 3.
µQFN-6L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
0.00
0.02
0.05
0.00
0.0008 0.0009
b
0.18
0.25
0.30
0.007
0.010
0.012
D
1.65
1.70
1.75
0.065
0.067
0.069
E
1.45
1.50
1.55
0.057
0.059
0.061
e
0.45
0.50
0.55
0.018
0.020
0.022
L
0.30
0.40
0.50
0.012
0.016
0.020
Figure 18. Footprint (dimensions in mm) Figure 19. Marking
TOP VIEW
SIDE VIEW
D
e
b
0.25
1.25
KD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com