Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-2AMX6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ECMF02-2AMX6
Description  Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2AMX6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ECMF02-2AMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 9Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 10Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 11Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 12Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 13Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 14Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
ECMF02-2AMX6
14/15
Doc ID 17815 Rev 2
6
Ordering information
For the latest information on available order codes see the product pages on www.st.com.
7
Revision history
Table 4.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
ECMF02-2AMX6
KD(1)
1.
The marking can be rotated by 90° to differentiate assembly location
µQFN-6L
3.55 mg
3000
Tape and reel 7”
Table 5.
Document revision history
Date
Revision
Changes
10-Aug-2010
1
Initial release.
28-Jun-2011
2
Added Complies with the following standards:, and Air discharge
parameter in Table 1. Removed Figure 6. Sdd41 / Sdd23 inter-lane
differential cross-coupling measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com