Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-2AMX6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ECMF02-2AMX6
Description  Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2AMX6 Datasheet(HTML) 4 Page - STMicroelectronics

  ECMF02-2AMX6 Datasheet HTML 1Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 2Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 3Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 4Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 5Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 6Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Characteristics
ECMF02-2AMX6
4/15
Doc ID 17815 Rev 2
Figure 10.
MIPI D-PHY low power mode test setup
Figure 11.
Low power pulse response - see Figure 10 for test setup
Figure 8.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 9.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
PIN 6
PIN 5
20 V/Div
20 ns/Div
50 V/Div
20 ns/Div
C2
C3
82.3 V
112 V
PIN 6
-71.1 V
-115 V
PIN 5
20 V/Div
20 ns/Div
50 V/Div
20 ns/Div
C2
C3
Generator Agilent 81110
Pattern mode, F=10MHz,
modulation RZ, 50
Ω output
CMF
Oscilloscope Lecroy
7300A, 1M
Ω input
500 mV/div
500 mV/div
200 ns/div
200 ns/div
Pulse: 50 ns, tr = tf = 5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com