Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-2AMX6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ECMF02-2AMX6
Description  Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2AMX6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ECMF02-2AMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 9Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 10Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 11Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 12Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 13Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 14Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ECMF02-2AMX6
Recommendation on PCB assembly
Doc ID 17815 Rev 2
13/15
5.5
Reflow profile
Figure 23.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
5.6
Layout recommendation
Connection to PCB GND must be as short as possible to ensure ESD remaining voltage
and SCC21 performance.
Figure 24.
Layout recommendation
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
Vias to GND plane
Zdiff according to
the application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com