Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-2AMX6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ECMF02-2AMX6
Description  Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2AMX6 Datasheet(HTML) 3 Page - STMicroelectronics

  ECMF02-2AMX6 Datasheet HTML 1Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 2Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 3Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 4Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 5Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 6Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ECMF02-2AMX6
Characteristics
Doc ID 17815 Rev 2
3/15
Figure 7.
SCC21 common mode attenuation measurements (Z0 com = 45 Ω)
Figure 3.
SDD21 differential attenuation
measurements (Z0 diff = 100 Ω)
Figure 4.
SCC21 common mode attenuation
measurements
(Z0 com = 50 Ω)
300k
1M
SDD21 (dB)
3M
10M
30M
100M 300M
1G
3G
-3
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
F(Hz)
300k
1M
3M
10M
30M
100M 300M
1G
3G
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
F(Hz)
SCC21 (dB)
Figure 5.
SDD11 / SDD22 differential return
loss measurements
(Z0 diff = 100 Ω)
Figure 6.
SDD21 differential attenuation
measurements (Z0 diff = 90 Ω)
300k
1M
3M
10M
30M
100M 300M
1G
3G
-40
-35
-30
-25
-20
-15
-10
-5
0
SDD11
SDD22
F(Hz)
SDD11 / SDD22 (dB)
300k
1M
3M
10M
30M
100M 300M
1G
3G
-3
- 2.8
- 2.6
- 2.4
- 2.2
-2
- 1.8
- 1.6
- 1.4
- 1.2
-1
- 0.8
- 0.6
- 0.4
- 0.2
0
F(Hz)
SDD21 (dB)
300k
1M
3M
10M
30M
100M 300M
1G
3G
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
F(Hz)
SCC21 (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com