Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5000FP Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS5000FP Datasheet HTML 2Page - Dallas Semiconductor DS5000FP Datasheet HTML 3Page - Dallas Semiconductor DS5000FP Datasheet HTML 4Page - Dallas Semiconductor DS5000FP Datasheet HTML 5Page - Dallas Semiconductor DS5000FP Datasheet HTML 6Page - Dallas Semiconductor DS5000FP Datasheet HTML 7Page - Dallas Semiconductor DS5000FP Datasheet HTML 8Page - Dallas Semiconductor DS5000FP Datasheet HTML 9Page - Dallas Semiconductor DS5000FP Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DS5000FP
6 of 22
INSTRUCTION SET
The DS5000FP executes an instruction set that is object code compatible with the industry standard 8051
microcontroller. As a result, software development packages such as assemblers and compilers that have
been written for the 8051 are compatible with the DS5000FP. A complete description of the instruction
set and operation are provided in the Secure Microcontroller User’s Guide.
Also note that the DS5000FP is embodied in the DS5000(T) and DS2250(T) modules. The DS5000(T)
combines the DS5000FP with one SRAM of either 8 or 32 kbytes and a lithium cell. An optional Real
Time Clock is also available in the DS5000T. This is packaged in a 40-pin DIP module. The DS2250(T)
is an identical function in a SIMM form factor. It also offers the option of a second 32k SRAM mapped
as data on Chip Enable 2.
MEMORY ORGANIZATION
Figure 2 illustrates the memory map accessed by the DS5000FP. The entire 64k of program and 64k of
data is available. The DS5000FP maps 32k of this space into the SRAM connected to the byte-wide bus.
This is the area from 0000h to 7FFFh (32k) and is reached via CE1 . Any area not mapped into the NV
RAM is reached via the Expanded bus on Ports 0 & 2. Selecting CE2 provides another 32k of potential
data storage. When CE2 is used, no data is available on the ports. The memory map is covered in detail in
the Secure Microcontroller User’s Guide.
Figure 3 illustrates a typical memory connection for a system using 8k bytes of SRAM. Figure 4 shows a
similar system with 32 kbytes. The byte-wide Address bus connects to the SRAM address lines. The bi-
directional byte-wide data bus connects the data I/O lines of the SRAM. CE1 provides the chip enable
and R/ W is the write enable. An additional RAM could be connected to CE2 , with common connections
for R/ W , BA14-0, and BD7-0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com