Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5000FP Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS5000FP Datasheet HTML 1Page - Dallas Semiconductor DS5000FP Datasheet HTML 2Page - Dallas Semiconductor DS5000FP Datasheet HTML 3Page - Dallas Semiconductor DS5000FP Datasheet HTML 4Page - Dallas Semiconductor DS5000FP Datasheet HTML 5Page - Dallas Semiconductor DS5000FP Datasheet HTML 6Page - Dallas Semiconductor DS5000FP Datasheet HTML 7Page - Dallas Semiconductor DS5000FP Datasheet HTML 8Page - Dallas Semiconductor DS5000FP Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DS5000FP
2 of 22
DESCRIPTION
The DS5000FP Soft Microprocessor Chip is an 8051-compatible processor based on NV RAM
technology. It is substantially more flexible than a standard 8051, yet provides full compatibility with the
8051 instruction set, timers, serial port, and parallel I/O ports. By using NV RAM instead of ROM, the
user can program and then reprogram the microcontroller while in-system. The application software can
even change its own operation, which allows frequent software upgrades, adaptive programs, customized
systems, etc. In addition, by using NV SRAM, the DS5000FP is ideal for data-logging applications and it
connects easily to a Dallas real-time clock for time stamp and date.
The DS5000FP provides the benefits of NV RAM without using I/O resources. It uses a nonmultiplexed
byte-wide address and data bus for memory access. This bus can perform all memory access and provides
decoded chip enables for SRAM. This leaves the 32 I/O port pins free for application use. The DS5000FP
uses ordinary SRAM and battery backs the memory contents with a user’s external lithium cell. Data is
maintained for over 10 years with a very small lithium cell. A DS5000FP also provides crash-proof
operation in portable systems or systems with unreliable power. These features include the ability to save
the operating state, Power-fail Reset, Power-fail Interrupt, and Watchdog Timer.
A user loads programs into the DS5000FP via its on-chip Serial Bootstrap Loader. This function
supervises the loading of code into NV RAM, validates it, and then becomes transparent to the user.
Software can be stored in an 8-kbyte or 32-kbyte CMOS SRAM. Using its internal Partitioning, the
DS5000FP will divide this common RAM into user programmable code and data segments. This
Partition can be selected at program loading time, but can be modified anytime later. It will decode
memory access to the SRAM, communicate via its byte-wide bus and write-protect the memory portion
designated as ROM. Combining program and data storage in one device saves board space and cost. The
DS5000FP can also access a second 32 kbytes of NV RAM but this area is restricted to data memory. The
DS2250(T) and DS5000(T) are available for a user who wants a pre-constructed module using the
DS5000FP, RAM, lithium cell, and optional real-time clock. Each device is described in separate data
sheets, available on our website at www.maxim-ic.com/microcontrollers. More details are contained in
the Secure Microcontroller User’s Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com