Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5000FP Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS5000FP Datasheet HTML 10Page - Dallas Semiconductor DS5000FP Datasheet HTML 11Page - Dallas Semiconductor DS5000FP Datasheet HTML 12Page - Dallas Semiconductor DS5000FP Datasheet HTML 13Page - Dallas Semiconductor DS5000FP Datasheet HTML 14Page - Dallas Semiconductor DS5000FP Datasheet HTML 15Page - Dallas Semiconductor DS5000FP Datasheet HTML 16Page - Dallas Semiconductor DS5000FP Datasheet HTML 17Page - Dallas Semiconductor DS5000FP Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DS5000FP
14 of 22
AC CHARACTERISTICS: EXTERNAL CLOCK DRIVE
(VCC = 5V
±5%, TA = 0°C to +70°C.)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
at 12MHz
20
28
External Clock High Time
at 16MHz
tCLKHPW
15
ns
at 12MHz
20
29
External Clock Low Time
at 16MHz
tCLKLPW
15
ns
at 12MHz
20
30
External Clock Rise Time
at 16MHz
tCLKR
15
ns
at 12MHz
20
31
External Clock Fall Time
at 16MHz
tCLKF
15
ns
AC CHARACTERISTICS: SERIAL PORT TIMING—MODE 0
(VCC = 5V
±5%, TA = 0°C to +70°C.)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
35
Serial Port Cycle Time
tSPCLK
12tCLK
ms
36
Output Data Setup to Rising Clock Edge
tDOCH
10tCLK -133
ns
37
Output Data Hold after Rising Clock Edge
tCHDO
2tCLK -117
ns
38
Clock Rising Edge to Input Data Valid
tCHDV
10tCLK -133
ns
39
Input Data Hold after Rising Clock Edge
tCHDIV
0
ns
SERIAL PORT TIMING—MODE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com