Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5000FP Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS5000FP Datasheet HTML 3Page - Dallas Semiconductor DS5000FP Datasheet HTML 4Page - Dallas Semiconductor DS5000FP Datasheet HTML 5Page - Dallas Semiconductor DS5000FP Datasheet HTML 6Page - Dallas Semiconductor DS5000FP Datasheet HTML 7Page - Dallas Semiconductor DS5000FP Datasheet HTML 8Page - Dallas Semiconductor DS5000FP Datasheet HTML 9Page - Dallas Semiconductor DS5000FP Datasheet HTML 10Page - Dallas Semiconductor DS5000FP Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DS5000FP
7 of 22
POWER MANAGEMENT
The DS5000FP monitors power to provide Power-Fail Reset, early warning Power-Fail Interrupt, and
switchover to lithium backup. It uses the lithium cell at VLI as a reference in determining the switch
points. These are called VPFW, VCCMIN, and VLI respectively. When VCC drops below VPFW, the DS5000FP
will perform an interrupt vector to location 2Bh if the power-fail warning was enabled. Full processor
operation continues regardless. When power falls further to VCCMIN, the DS5000FP invokes a reset state.
No further code execution will be performed unless power rises back above VCCMIN. CE1 , CE2 , R/ W go
to an inactive (logic 1) state. Any address lines that are high (due to encryption) will follow VCC, except
for BA14, which is lithium backed. VCC is still the power source at this time. When VCC drops further to
below VLI, internal circuitry will switch to the lithium cell for power. The majority of internal circuits will
be disabled and the remaining nonvolatile states will be retained. The lithium cell will power any devices
connected to VCCO at this time. VCCO will be at the lithium battery voltage less a diode drop. This drop
will vary depending on the load. Low-leakage SRAMs should be used for this reason. When a module is
used, the lithium cell is selected by Dallas so absolute specifications are provided for the switch
thresholds. When using the DS5000FP, the user must select the appropriate battery. The following
formulas apply to the switch function:
VPFW = 1.45 x VLI
VCCMIN = 1.40 x VLI
VLI Switch = 1.0 x VLI
MEMORY MAP OF THE DS5000FP Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com